công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT697F bảng dữ liệu(PDF) 25 Page - ATMEL Corporation

tên linh kiện AT697F
Giải thích chi tiết về linh kiện  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F bảng dữ liệu(HTML) 25 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 21Page - ATMEL Corporation AT697F_14 Datasheet HTML 22Page - ATMEL Corporation AT697F_14 Datasheet HTML 23Page - ATMEL Corporation AT697F_14 Datasheet HTML 24Page - ATMEL Corporation AT697F_14 Datasheet HTML 25Page - ATMEL Corporation AT697F_14 Datasheet HTML 26Page - ATMEL Corporation AT697F_14 Datasheet HTML 27Page - ATMEL Corporation AT697F_14 Datasheet HTML 28Page - ATMEL Corporation AT697F_14 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 176 page
background image
25
AT697F
7703E–AERO–08/11
Each I/O interrupt is controlled through 4 parameters in the appropriate configuration
register (n = 1 & x in [0:3] or n = 2 & x in [4:7]):
•
the interrupt can be enabled or disabled (IOITn.enx)
•
the interrupt source can be chosen among PIO[15:0] and D[15:0](1)
(IOITn.iselx)
•
the interrupt can be level-triggered(2) or edge-triggered(2) (IOITn.lex)
•
the interrupt polarity can be high/low(2) when level-triggered or rising/falling(2) when
edge-triggered (IOITn.plx)
Notes: 1. D[15:0] can be used as part of the general-purpose I/O interface only when all the
memory areas (ROM, SRAM & I/O) are 8-bit wide and the SDRAM interface is not
enabled.
2. Whatever the chosen trigger mode, the I/O inputs are sampled on the rising edge of
the system clock. If generated synchronously, the signal driving the I/O interrupt shall
meet the required setup and hold constraints (see "Electrical Characteristics"). If gen-
erated asynchronously, the signal driving the I/O interrupt shall be maintained for a
minimum of 1.5 clock cycles so at least 1 active sample can be made.
The following table summarizes the I/O interrupt trigger configurations.
Table 6. I/O Interrupt Trigger Configuration
0
0
low level
0
1
high level
1
0
falling edge
1
1
rising edge
IOITn.lex
IOITn.plx
Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com