công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMS87C1202A bảng dữ liệu(PDF) 5 Page - Hynix Semiconductor

tên linh kiện HMS87C1202A
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1202A bảng dữ liệu(HTML) 5 Page - Hynix Semiconductor

  HMS87C1202A Datasheet HTML 1Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 2Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 3Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 4Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 5Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 6Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 7Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 8Page - Hynix Semiconductor HMS87C1202A Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
2
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
• Oscillator Type
- Crystal
- Ceramic Resonator
- RC-oscillation ( C can be omitted )
• Power-On Reset
• Noise Immunity Circuit
- Power Fail Processor
• Power Down Mode
- STOP mode
- Wake-up Timer mode
- Internal RC-WDT mode
1.3 Development Tools
The HMS87C1X0XA is supported by a full-featured mac-
ro assembler, an in-circuit emulator CHOICE-DrTM and
OTP programmers.
The marco assembler operates under the MS-Windows 95/
98TM.
The OTP programmer can be supplied three types of pro-
grammer such as emulator add-on board type single pro-
grammer (Dr.WriterTM), univeral stand-alone type single
programmer (CHOICE-SIGMATM) and gang type pro-
grammer (CHOICE-SIGMATM). .
Figure 1-1 In Circuit Emulator CHOICE-Dr.TM
Figure 1-2 OTP Single Programmer Dr.WriterTM
Figure 1-3 OTP Gang Programmer CHOICE-GANG4TM
In Circuit
Emulators
CHOICE-Dr. TM
Assembler
Hynix Macro Assembler
OTP
Programmer
Single Programmer : Dr. WriterTM
Universal Programmer : CHOICE-
SIGMATM
Gang Programmer : CHOICE-GANG4TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88