| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS36 bảng dữ liệu(PDF) 59 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS36 bảng dữ liệu(HTML) 59 Page - Hynix Semiconductor |
|
59 / 109 page ![]() 5-14 (29) ALEM Naming : Accumulator Less Equal Memory Status : Carry to status Format : é Function : A õ M(X,Y) ST à 1 (when A õ M(X,Y)) ST à 0 (when A > M(X,Y)) <Comment> Data of the accumulator is, through a complemental addition, subtracted from data in the memory location addressed by the X and Y-register. Carry data obtained is transferred to the status. When the status is Ì1Ì, it indicates that the data of the accumulator is less than or equal to the data of the memory word. Neither of those data is not changed. (30) ALEI Naming : Accumulator Less Equal Immediate Status : Carry to status Format : ë Function : A õ iST à 1 (when A õ i) ST à 0 (when A > i) <Purpose> Data of the accumulator and the constant are arithmetically compared. <Comment> Data of the accumulator is, through a complemental addition, subtracted from the constant that exists in 4bit operand. Carry data obtained is transferred to the status. The status is set when the accumulator value is less than or equal to the constant. Data of the accumulator is left unchanged. (31) MNEZ Naming : Memory Not Equal Zero Status : Comparison results to status Format : é Function : M(X,Y) ó 0 ST à 1(when M(X,Y) ó 0) ST à 0 (when M(X,Y) = 0) <Purpose> A memory word is compared with zero. <Comment> Data in the memory addressed by the X and Y-register is logically compared with zero. Comparison data is thransferred to the status. Unless it is zero, the status is set. Chapter 5. INSTRUCTION |