| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS36 bảng dữ liệu(PDF) 57 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS36 bảng dữ liệu(HTML) 57 Page - Hynix Semiconductor |
|
57 / 109 page ![]() 5-12 (23) IA Naming : Increment Accumulator Status : Set Format : é Function : A à A+1 <Comment> Data of the accumulator is incremented by one. Results are returned to the accumulator. A carry is not allowed to have effect upon the status. (24) IY Naming : Increment Y-Register and Status 1 on Carry Status : Carry to status Format : é Function : Y à Y + 1 ST à 1 (when Y = 15) ST à 0 (when Y < 15) <Comment> Data of the Y-register is incremented by one and results are returned to the Y-register. Carry data as results is transferred to the status. When the total is more than 15, the status is set. (25) DA Naming : Decrement Accumulator and Status 1 on Borrow Status : Carry to status Format : é Function : A à A - 1 ST à 1(when A ö1) ST à 0 (when A = 0) <Comment> Data of the accumulator is decremented by one. As a result (by addition of Fh), if a borrow is caused, the status is reset to Ì0Ì by logic. If the data is more than one, no borrow occurs and thus the status is set to Ì1Ì. Chapter 5. INSTRUCTION |