| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS36 bảng dữ liệu(PDF) 38 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS36 bảng dữ liệu(HTML) 38 Page - Hynix Semiconductor |
|
38 / 109 page ![]() 4-5 State Counter (SC) A fundamental machine cycle timing chart is shown below. Every instruction is one byte length. Its execution time is the same. Execution of one instruction takes 6 clocks for fetch cycle and 6 clocks for execute cycle (12 clocks in total). Virtually these two cycles proceed simultaneously, and thus it is apparently completed in 6 clocks (one machine cycle). Exceptionally BR, CAL and RTN instructions is normal execution time since they change an addressing sequentially. Therefore, the next instruction is prefetched so that its execution is completed within the fetch cycle. Fig. 4-3 Fundamental timing chart T1 T2 T3 T4 T5 T6 T1 T2 T3 T4 T5 T6 Fetch cycle N Execute cycle N-1 Execute cycle N Fetch cycle N-1 Phase é Phase ê Phase ë Machine Cycle Machine Cycle Chapter 4. FUNCTIONAL DESCRIPTION |