công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS36 bảng dữ liệu(PDF) 55 Page - Hynix Semiconductor

tên linh kiện GMS36
Giải thích chi tiết về linh kiện  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 bảng dữ liệu(HTML) 55 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 51Page - Hynix Semiconductor GMS36 Datasheet HTML 52Page - Hynix Semiconductor GMS36 Datasheet HTML 53Page - Hynix Semiconductor GMS36 Datasheet HTML 54Page - Hynix Semiconductor GMS36 Datasheet HTML 55Page - Hynix Semiconductor GMS36 Datasheet HTML 56Page - Hynix Semiconductor GMS36 Datasheet HTML 57Page - Hynix Semiconductor GMS36 Datasheet HTML 58Page - Hynix Semiconductor GMS36 Datasheet HTML 59Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 109 page
background image
5-10
(17) RTN
Naming :
Return from Subroutine
Status :
Set
Format :
é
Function :
PC
à SR1
PA, PB
à PSR1
SR1
à SR2
PSR1
à PSR2
SR2
à SR3
PSR2
à PSR3
SR3
à SR3
PSR3
à PSR2
ST
à 1
<Purpose>
Control is returned from the called subroutine to the calling
program.
<Comment>
Control is returned to its home routine by transferring to the PC
the data of the return address that has been saved in the stack
register (SR1).
At the same time, data of the page stack register (PSR1) is
transferred to the PA and PB.
(18) LPBI i
Naming :
Load Page Buffer Register from Immediate
Status :
Set
Format :
ë
Operand :
ROM page address 0
õ i õ 15
Function :
PB
à i
<Purpose>
A new ROM page address is loaded into the page buffer
register (PB).
This loading is necessary for a long branch or call instruction.
<Comment>
The PB register is loaded together with three bits from 4 bit
operand.
(19) AM
Naming :
Add Accumulator to Memory and Status 1 on Carry
Status :
Carry to status
Format :
é
Function :
A
à M(X,Y)+A, ST à 1(when total>15),
ST
à 0 (when total õ15)
<Comment>
Data in the memory location addressed by the X and Y-register
is added to data of the accumulator. Results are stored in the
accumulator. Carry data as results is transferred to status.
When the total is more than 15, a carry is caused to put
Ì1Ì
in the status. Data in the memory is not changed.
Chapter 5. INSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More