công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT89LP51RC2 bảng dữ liệu(PDF) 8 Page - ATMEL Corporation

tên linh kiện AT89LP51RC2
Giải thích chi tiết về linh kiện  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 bảng dữ liệu(HTML) 8 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 4Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 5Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 6Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 7Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 8Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 9Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 10Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 11Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 254 page
background image
8
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
2.1
Block Diagram
Figure 2-1.
Atmel AT89LP51RB2/RC2/IC2 Block Diagram
2.2
System Configuration
The AT89LP51RB2/RC2/IC2 supports several system configuration options. Nonvolatile options
are set through user fuses that must be programmed through the flash programming interface.
Volatile options are controlled by software through individual bits of special function registers
(SFRs). The AT89LP51RB2/RC2/IC2 must be properly configured before correct operation can
occur.
2.2.1
Fuse Options
Table 2-1 lists the fusible options for the AT89LP51RB2/RC2/IC2. These options maintain their
state even when the device is powered off. Some may be changed through the Flash API but
others can only be changed with an external device programmer. For more information, see
Section 24.2 “User Configuration Fuses” on page 188.
Flash Code
24/32 KB
Port 2
Configurable I/O
Port 1
Configurable I/O
UART
SPI
Timer 0
Timer 1
Watchdog
Timer
Crystal or
Resonator
Port 4
Configurable I/O
Port 3
Configurable I/O
Timer 2
Port 0
Configurable I/O
RAM
256 Bytes
XRAM
Interface
8051 Single Cycle CPU
with 12-cycle Compatiblity
POR
BOD
Dual Data
Pointers
Multiply
Accumulate
(16 x 16)
ERAM
1152 Bytes
Keyboard
Interface
PCA
Boot ROM
2KB
On-Chip
Debug
Internal 8 MHz
RC Oscillator
Configurable
Oscillator A
10-bit
ADC/DAC
TWI
7
Dual Analog
Comparators
Crystal or
Resonator
Configurable
Oscillator B
(AT89LP51IC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com