| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT82K68 bảng dữ liệu(PDF) 37 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K68 bảng dữ liệu(HTML) 37 Page - Holtek Semiconductor Inc |
|
37 / 40 page ![]() SWAP [m] Swap nibbles within the data memory Description The low-order and high-order nibbles of the specified data memory (one of the data memories) are interchanged. Operation [m].3~[m].0 « [m].7~[m].4 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SWAPA [m] Swap data memory-place result in the accumulator Description The low-order and high-order nibbles of the specified data memory are inter- changed, writing the result to the accumulator. The contents of the data memory remain unchanged. Operation ACC.3~ACC.0 ¬ [m].7~[m].4 ACC.7~ACC.4 ¬ [m].3~[m].0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SZ [m] Skip if data memory is 0 Description If the contents of the specified data memory are 0, the following instruction, fetched during the current instruction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (2 cycle). Operation Skip if [m]=0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ SZA [m] Move data memory to ACC, skip if 0 Description The contents of the specified data memory are copied to the accumulator. If the contents is 0, the following instruction, fetched during the current in- struction execution, is discarded and a dummy cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed with the next instruction (1 cycle). Operation Skip if [m]=0, ACC ¬ [m] Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ HT82K68E 37 August 8, 2000 Preliminary |