công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT82K68 bảng dữ liệu(PDF) 14 Page - Holtek Semiconductor Inc

tên linh kiện HT82K68
Giải thích chi tiết về linh kiện  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 bảng dữ liệu(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
HT82K68E
14
August 8, 2000
Preliminary
cuted to clear the WDT; otherwise, the WDT may
reset the chip because of the time-out.
Power down operation - HALT
The HALT mode is initialized by the HALT in-
struction and results in the following...
· The system oscillator will turn off but the
WDT oscillator keeps running (if the WDT os-
cillator is selected).
· The contents of the on chip RAM and regis-
ters remain unchanged.
· WDT and WDT prescaler will be cleared and
recount again (if the WDT clock has come
from the WDT oscillator).
· All I/O ports maintain their original status.
· The PD flag is set and the TO flag is cleared.
The system can leave the HALT mode by means
of an external reset, an external falling edge
signal on port A and port C [0:3] or a WDT over-
flow. An external reset causes a device initializa-
tion and the WDT overflow performs a ²warm
reset². Examining the TO and PD flags, the rea-
son for chip reset can be determined. The PD flag
is cleared when system power-up or executing the
CLR WDT instruction and is set when the HALT
instruction is executed. The TO flag is set if the
WDT time-out occurs, and causes a wake-up that
only resets the PC and SP, the others keep their
original status.
The port A or port C [0:3] wake-up can be con-
sidered as a continuation of normal execution.
Each bit in port A can be independently se-
lected to wake up the device by mask option.
Awakening from an I/O port stimulus, the pro-
gram will resume execution of the next instruc-
tion.
Once a wake-up event occurs, and the system
clock comes from a crystal, it takes 1024 tSYS
(system clock period) to resume normal opera-
tion. In other words, the HT82K68E will insert
a dummy period after the wake-up. If the sys-
tem clock comes from an RC oscillator, it contin-
ues operating immediately. If the wake-up
results in next instruction execution, this will
execute immediately after the dummy period is
completed.
To minimize power consumption, all I/O pins
should be carefully managed before entering
the HALT status.
Reset
There are three ways in which a reset can occur:
· RESET reset during normal operation
· RESET reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different
from other chip reset conditions, since it can
perform a warm reset that just resets the PC
and SP, leaving the other circuits to remain in
their original state. Some registers remain un-
changed during other reset conditions. Most
registers are reset to the ²initial condition²
S yst e m c l o ck/ 4
8- bi t C ount e r
W D T P r e sca l e r
7- bi t C ount e r
8- t o - 1 M U X
W D T T i m e - out
WS 0 ~ WS 2
RO M
C ode
Op t i o n
Se l e c t
WD T
OS C
Watchdog Timer
RE S E T
VD D
S S T Ti m e - o u t
C h i p R es et
t SS T
Reset timing chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com