công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT82K68 bảng dữ liệu(PDF) 36 Page - Holtek Semiconductor Inc

tên linh kiện HT82K68
Giải thích chi tiết về linh kiện  Multimedia Keyboard Encoder OTP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68 bảng dữ liệu(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT82K68 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 34Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 36Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 37Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 38Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 39Page - Holtek Semiconductor Inc HT82K68 Datasheet HTML 40Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
SNZ [m].i
Skip if bit ²i² of the data memory is not 0
Description
If bit ²i² of the specified data memory is not zero, the next instruction is
skipped. If bit ²i² of the data memory is not 0, the following instruction,
fetched during the current instruction execution, is discarded and a dummy
cycle is replaced to get the proper instruction (2 cycles). Otherwise proceed
with the next instruction (1 cycle).
Operation
Skip if [m].i¹0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SUB A,[m]
Subtract data memory from the accumulator
Description
The specified data memory is subtracted from the contents of the accumula-
tor, leaving the result in the accumulator.
Operation
ACC ¬ ACC+[m]+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SUBM A,[m]
Subtract data memory from the accumulator
Description
The specified data memory is subtracted from the contents of the accumula-
tor, leaving the result in the data memory.
Operation
[m] ¬ ACC+[m]+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SUB A,x
Subtract immediate data from the accumulator
Description
The immediate data specified by the code is subtracted from the contents of
the accumulator, leaving the result in the accumulator.
Operation
ACC ¬ ACC+x+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
HT82K68E
36
August 8, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com