| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT82K68 bảng dữ liệu(PDF) 25 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K68 bảng dữ liệu(HTML) 25 Page - Holtek Semiconductor Inc |
|
25 / 40 page ![]() CALL addr Subroutine call Description The instruction unconditionally calls a subroutine located at the indicated address. The program counter increments once to obtain the address of the next instruction, and pushes this onto the stack. The indicated address is then loaded. Program execution continues with the instruction at this ad- dress. Operation Stack ¬ PC+1 PC ¬ addr Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ CLR [m] Clear data memory Description The contents of the specified data memory are cleared to zero. Operation [m] ¬ 00H Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ CLR [m].i Clear bit of data memory Description The bit i of the specified data memory is cleared to zero. Operation [m].i ¬ 0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾¾¾¾¾¾ CLR WDT Clear Watchdog Timer Description The WDT and the WDT Prescaler are cleared (re-counting from zero). The power down bit (PD) and time-out bit (TO) are cleared. Operation WDT and WDT Prescaler ¬ 00H PD and TO ¬ 0 Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾¾ 00 ¾¾¾¾ HT82K68E 25 August 8, 2000 Preliminary |