công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI5PD2041B bảng dữ liệu(PDF) 12 Page - Pericom Semiconductor Corporation

tên linh kiện PI5PD2041B
Giải thích chi tiết về linh kiện  70m Current-Limited, Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2041B bảng dữ liệu(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI5PD2041B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-07-0009
PT0317-5
07/31/13
12
PI5PD2041B/51B
70mΩ Current-Limited,
Power-Distribution Switches
Mechanical Information
TAE(Lead free and Green SOT23-5)
Ordering Information
Part Number
Package Code
Package
PI5PD2041BTAE
TA
Lead free and Green 5-Pin SOT23
PI5PD2051BTAE
TA
Lead free and Green 5-Pin SOT23
Notes:
E = Pb-free and Green
Adding X Suffix= Tape/Reel
Function comparison table
Part Number
Enable
Recommended maximum
continuous load current
Typical short circuit
current limit at 25ºC
Number of
switch
PI5PD2041B
Active Low
0.5A
1A
Single
PI5PD2051B
Active High
Single
Pericom Semiconductor Corporation  1-800-435-2336  www.pericom.com
Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply
the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The
company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com