công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI5PD2041B bảng dữ liệu(PDF) 1 Page - Pericom Semiconductor Corporation

tên linh kiện PI5PD2041B
Giải thích chi tiết về linh kiện  70m Current-Limited, Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2041B bảng dữ liệu(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5PD2041B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
70mΩ Current-Limited, Power-Distribution Switches
2013-07-0009
PT0317-5
07/31/13
1
PI5PD2041B/51B
Features
 70mΩ High-Side MOSFET
 0.5A Continuous Current
 Thermal and Short-Circuit Protection
 Accurate Current Limit (1.0A typ.)
 Operating Range: 2.7V to 5.5V
 0.6ms Typical Rise Time
 Under-Voltage Lockout
 Deglitched Fault Report (/OC)
 1μA Maximum Standby Supply Current
 Reverse Current Blocking
 Ambient Temperature Range: -40°C to 85°C
 UL Recognized, File Number E341484
Applications
Laptop, Motherboard PC
USB Bus/Self Powered Hubs
TV and Set-top BOX Power switch
USB Peripherals
Battery-Powered Equipment
Hot-Plug Power Supplies
Pin Configuration
GND
IN
/EN
/OC
OUT
1
2
3
5
4
PT7M2601/PT7M2065
DBV PACKAGE
(TOP VIEW)
GND
IN
IN
*/EN
/OC
OUT
OUT
OUT
o
1
2
3
4
5
6
7
8
PT7M2061/PT7M2065
D AND DGN PACKAGE
(TOP VIEW)
o
PT7M2062(-1)/PT7M2066(-1)
D AND DGN PACKAGE
(TOP VIEW)
GND
IN
*/EN1
*/EN2
/OC2
OUT2
OUT1
/OC1
1
2
3
4
5
6
7
8
GND
IN
IN
EN
/OC
OUT
OUT
OUT
o
1
2
3
4
5
6
7
8
PT7M2065-1
DGN PACKAGE
(TOP VIEW)
PI5PD2041B SOT23-5 (Top View)
GND
IN
EN
/OC
OUT
1
2
3
5
4
PT7M2601/PT7M2065
DBV PACKAGE
(TOP VIEW)
GND
IN
IN
*/EN
/OC
OUT
OUT
OUT
o
1
2
3
4
5
6
7
8
PT7M2061/PT7M2065
D AND DGN PACKAGE
(TOP VIEW)
o
PT7M2062(-1)/PT7M2066(-1)
D AND DGN PACKAGE
(TOP VIEW)
GND
IN
*/EN1
*/EN2
/OC2
OUT2
OUT1
/OC1
1
2
3
4
5
6
7
8
GND
IN
IN
EN
/OC
OUT
OUT
OUT
o
1
2
3
4
5
6
7
8
PT7M2065-1
DGN PACKAGE
(TOP VIEW)
PI5PD2051B SOT23-5 (Top View)
Description
The PI5PD2041B/51B is an integrated 70mΩ N-channel
MOSFET power switches for self-powered and bus-
powered Universal Series Bus (USB) applications. The
devices are equipped with charge pump circuitry to drive
the internal MOSFET switch. The switch’s low RDS(on),
70mΩ meets USB voltage drop requirements. This
power-distribution switch is designed to set current limit
at 1.0A typically.
When the output load exceeds the current-limit threshold
or a short-circuit situation is present, the devices limit
the output current by switching into a constant-current
mode, pulling the over-current (/OC) logic output low.
When continuous heavy overloads and short-circuits
increase the power dissipation in the switch, causing the
junction temperature to rise, a thermal protection circuit
turns off the switch to prevent damage. Recovery from a
thermal shutdown is automatic once the device has
cooled sufficiently. Internal circuitry ensures that the
switch remains off until valid input voltage is present..
Pin Description
Pin No.
Pin
Type
Description
2
GND
-
Ground.
5
IN
I
Power Input Voltage.
4
/EN
(PI5PD2041B)
I
Chip Enable, logic low turns
on power switch.
4
EN
(PI5PD2051B)
I
Chip Enable, logic high turns
on power switch.
3
/OC
O
Over current, open-drain
output, active-low.
1
OUT
O
Power Output Voltage


Số phần tương tự - PI5PD2041B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
PI5PD2556ZCEX PERICOM-PI5PD2556ZCEX Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
PI5PD2557 PERICOM-PI5PD2557 Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
PI5PD2557ZCEX PERICOM-PI5PD2557ZCEX Datasheet
897Kb / 12P
Precision Adjustable Current -Limited Power Switch
PI5PD2560 PERICOM-PI5PD2560 Datasheet
786Kb / 12P
Dual Channel, Adjustable Current -Limited Power Switch
More results

Mô tả tương tự - PI5PD2041B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com