công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI5PD2041B bảng dữ liệu(PDF) 10 Page - Pericom Semiconductor Corporation

tên linh kiện PI5PD2041B
Giải thích chi tiết về linh kiện  70m Current-Limited, Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2041B bảng dữ liệu(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI5PD2041B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-07-0009
PT0317-5
07/31/13
10
PI5PD2041B/51B
70mΩ Current-Limited,
Power-Distribution Switches
Under-Voltage Lockout (UVLO)
A voltage sense circuit monitors the input voltage, an under voltage lockout ensures that the power switch is in the off state at
power up. When the input voltage is below approximately 2V, a control signal turns off the power switch.
Power Dissipation Calculation
The low RDS(on) resistance on the N-channel MOSFET allows the small surface-mount packages to pass large currents. The thermal
resistances of these packages are high compared to those of power packages. Begin by determining the RDS(on) of the N-channel
MOSFET relative to the input voltage and operating temperature. Using this value, the power dissipation per switch can be
calculated by:
• P
D = RDS(on)×I
2
Multiply this number by the number of switches being used. This step renders the total power dissipation from the N-channel
MOSFET.
Finally, calculate the junction temperature:
• T
J = PD x RθJA + TA
Where:
• T
A= Ambient temperature °
C
• RθJA = Thermal resistance
• P
D = Total power dissipation based on number of switches being used.
Thermal Protection
Thermal protection prevents damage to the IC when heavy-overload or short-circuit faults are present for extended periods of time.
The PI5PD2041B/51B implements a thermal protection circuitry to monitor the operating junction temperature of the power
distribution switch. In an over current or short-circuit condition cause to the junction temperature rises, when the die temperature
rises to approximately 135°C due to over current conditions, the internal thermal protection circuitry turns off the switch, thus
preventing the device from damage. Hysteresis is built into the thermal protection circuitry, and after the device has cooled
approximately 10 degrees, the switch turns back on. The switch continues to cycle off and on until the fault is removed. The open-
drain false reporting output (/OC) is asserted (active low) when an over temperature shutdown or over current occurs.
Universal Serial Bus (USB) Application
The universal serial bus (USB) interface is a 480Mb/s or 12Mb/s, multiplexed serial bus designed for low-to-medium bandwidth
PC peripherals (e.g., keyboards, printers, scanners, and mice). The four-wire USB interface is conceived for dynamic attach-
detach (hot plug-unplug) of peripherals. Two lines are provided for differential data, and two lines are provided for 5V power
distribution.
USB data is a 3.3V level signal, but power is distributed at 5V to allow for voltage drops in cases where power is distributed
through more than one hub across long cables. Each function must provide its own regulated 3.3V from the 5V input or its own
internal power supply.
The USB specification defines the following five classes of devices, each differentiated by power-consumption requirements:
• Hosts/self-powered hubs (SPH)
• Bus-powered hubs (BPH)
• Low-power, bus-powered functions
• High-power, bus-powered functions
• Self-powered functions
SPHs and BPHs distribute data and power to downstream functions. The PI5PD2041B/51B has higher current capability than
required by one USB port; so, it can be used on the host side and supplies power to multiple downstream ports or functions.
Host/Self-Powered and Bus-Powered Hubs
Hosts and SPHs have a local power supply that powers the embedded functions and the downstream ports (see Figure 3). This
power supply must provide from 5.25V to 4.75V to the board side of the downstream connection under full-load and no-load
conditions. Hosts and SPHs are required to have current-limit protection and must report over current conditions to the USB
controller. Typical SPHs are desktop PCs, monitors, printers, and stand-alone hubs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com