công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI5PD2041B bảng dữ liệu(PDF) 11 Page - Pericom Semiconductor Corporation

tên linh kiện PI5PD2041B
Giải thích chi tiết về linh kiện  70m Current-Limited, Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2041B bảng dữ liệu(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI5PD2041B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-07-0009
PT0317-5
07/31/13
11
PI5PD2041B/51B
70mΩ Current-Limited,
Power-Distribution Switches
Figure 3 Typical One-Port USB Host/Self-Powered Hub
BPHs obtain all power from upstream ports and often contain an embedded function. The hubs are required to power up with less
than one unit load. The BPH usually has one embedded function, and power is always available to the controller of the hub. If the
embedded function and hub require more than 100mA on power up, the power to the embedded function may need to be kept off
until enumeration is completed. This can be accomplished by removing power or by shutting off the clock to the embedded
function. Power switching the embedded function is not necessary if the aggregate power draw for the function and controller is
less than one unit load. The total current drawn by the bus-powered device is the sum of the current to the controller, the
embedded function, and the downstream ports, and it is limited to 500mA from an upstream port.
IN
/EN
/OC
GND
OUT
0.1µF
120µF
0.1µF
POWER SUPPLY
3.3V 5V
PI5PD2041B
D+
D-
Vbus
GND
USB
Controller
Downstream
USB Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com