| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TEF6894H bảng dữ liệu(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEF6894H bảng dữ liệu(HTML) 29 Page - NXP Semiconductors |
|
29 / 55 page ![]() 2003 Oct 21 29 Philips Semiconductors Product specification Car radio integrated signal processor TEF6894H Table 23 Description of data byte 6H Table 24 Setting of the time constants of the LEVEL detector Table 25 Setting of the time constants of the MPH detector (level, WAM and USN) BIT SYMBOL DESCRIPTION 7 and 6 USS[1:0] USN sensitivity for weak signal processing. See Fig.5. 5 and 4 WAS[1:0] WAM sensitivity for weak signal processing. See Fig.6. 3 and 2 LET[1:0] LEVEL detector time constant. See Table 24. 1 and 0 MPT[1:0] MPH detector time constants (level, WAM and USN). See Table 25. LETF LET1 LET0 tLEVEL (s) ATTACK DECAY 000 3 3 001 3 6 0 1 0 1.5 1.5 0 1 1 0.5 1.5 1 0 0 0.5 0.5 1 0 1 0.17 0.5 1 1 0 0.06 0.17 1 1 1 0.06 0.06 MPT1 MPT0 tMPH (s) ATTACK DECAY 0 0 0.5 12 0 1 0.5 24 1 0 0.5 6 1 1 0.25 6 |