| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TEF6894H bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEF6894H bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 55 page ![]() 2003 Oct 21 5 Philips Semiconductors Product specification Car radio integrated signal processor TEF6894H 4 QUICK REFERENCE DATA SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT VCC supply voltage 8.0 8.5 9.0 V ICC supply current normal mode − 24 − mA standby − 15 − mA Stereo decoder path αcs channel separation fFMMPX = 1 kHz 40 −− dB S/N signal-to-noise ratio fFMMPX =20Hzto15kHz 75 −− dB THD total harmonic distortion FM mode; fFMMPX = 1 kHz −− 0.3 % Tone/volume control Vi(max)(rms) maximum input voltage level at pins TAPEL, TAPER, CDL, CDR, CDCM, PHONE and PHCM (RMS value) THD = 0.1%; Gvol = −6dB 2 −− V Vi(NAV)(max)(rms) maximum input voltage level at pin NAV (RMS value) THD = 1%; fNAV = 1 kHz 0.3 −− V THD total harmonic distortion TAPE and CD inputs; faudio = 20 Hz to 20 kHz; Vi = 1 V (RMS) − 0.01 0.1 % Gvol volume/balance gain control maximum setting − 20 − dB minimum setting −−59 − dB Gstep(vol) step resolution gain (volume) − 1 − dB Gloudness loudness gain control floudness(low) = 50 Hz; high boost on maximum setting; 1 kHz tone − 0 − dB minimum setting; 1 kHz tone −−20 − dB Gtreble treble gain control maximum setting − 14 − dB minimum setting −−14 − dB Gstep(treble) step resolution gain (treble) − 2 − dB Gbass bass gain control maximum setting; symmetrical boost − 14 − dB minimum setting; asymmetrical cut −−14 − dB Gstep(bass) step resolution gain (bass) − 2 − dB |