| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TEF6894H bảng dữ liệu(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEF6894H bảng dữ liệu(HTML) 24 Page - NXP Semiconductors |
|
24 / 55 page ![]() 2003 Oct 21 24 Philips Semiconductors Product specification Car radio integrated signal processor TEF6894H 11 I2C-BUS PROTOCOL Table 1 Write mode Notes 1. S = START condition. 2. A = acknowledge. 3. P = STOP condition. Table 2 Read mode Notes 1. S = START condition. 2. A = acknowledge. 3. NA = not acknowledge. 4. P = STOP condition. Table 3 IC address byte Table 4 Description of IC address byte 11.1 Read mode 11.1.1 DATA BYTE 1; STATUS Table 5 Format of data byte 1 S(1) address (write) A(2) subaddress A(2) data byte(s) A(2) P(3) S(1) address (read) A(2) data byte(s) A(2) data byte NA(3) P(4) IC ADDRESS MODE 001100 ADDR R/W BIT SYMBOL DESCRIPTION 7to2 − 001100+(ADDR) = IC address. 1 ADDR Address bit. 0 = pin ADDR is grounded; 1 = pin ADDR is floating. 0R/W Read/Write. 0 = write mode; 1 = read mode. BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 STIN ASIA AFUS POR − ID2 ID1 ID0 |