công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4935RLEVAL bảng dữ liệu(PDF) 44 Page - Texas Instruments

tên linh kiện LM4935RLEVAL
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 40Page - Texas Instruments LM4935RLEVAL Datasheet HTML 41Page - Texas Instruments LM4935RLEVAL Datasheet HTML 42Page - Texas Instruments LM4935RLEVAL Datasheet HTML 43Page - Texas Instruments LM4935RLEVAL Datasheet HTML 44Page - Texas Instruments LM4935RLEVAL Datasheet HTML 45Page - Texas Instruments LM4935RLEVAL Datasheet HTML 46Page - Texas Instruments LM4935RLEVAL Datasheet HTML 47Page - Texas Instruments LM4935RLEVAL Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
4.2.38 DC VOLUME CONFIGURATION REGISTER
This register is used to control the DC volume control system.
Table 4-39. DC_VOLUME (0x21h)
Bits
Field
Description
0
DC_VOL_ENB
Enables the DC volume control system to use the voltage applied on the VSAR 1 pin
to set the gain of the DC volume control. (Note 32)
1
DC_VOL_EFFECT
Selects which volume is altered:
DC_VOL_EFFECT
Source
0
AUX/DAC
1
CPI
3:2
MAX_LEVEL
Programs the maximum level that can be applied by the system
MAX_LEVEL
LEVEL
002
0 dB
012
−3 dB
102
−6 dB
112
−12 dB
4.2.39 SAR TRIGGER 1 CONFIGURATION REGISTER
This register is used to setup a voltage trigger on one of the SAR outputs.
Table 4-40. TRIG_1 (0x22h)
Bits
Field
Description
0
TRIG_1_ENB
Enables the 1st SAR trigger interrupt, if cleared will clear the IRQ.
1
TRIG_1_DIR
Selects the direction the voltage should be moving:
TRIG_1_DIR
Trigger if signal passes:
0
Above Threshold
1
Below Threshold
3:2
TRIG_1_SOURCE
Programs the channel used by the trigger.
TRIG_1_SOURCE
Source
002
VSAR_1
012
VSAR_2
102
D_VDD/2 or BB_VDD
112
A_VDD/2
7:4
TRIG_1_LSB
Sets bits 3:0 of the threshold used by the trigger.
4.2.40 SAR TRIGGER 1 MSBs CONFIGURATION REGISTER
This register is used to setup the threshold of a voltage trigger on one of the SAR outputs.
Table 4-41. TRIG_1_MSB (0x23h)
Bits
Field
Description
7:0
TRIG_1_MSB
Sets bits 11:4 of the threshold used by the trigger.
44
Application Information
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com