công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4935RLEVAL bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện LM4935RLEVAL
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 18Page - Texas Instruments LM4935RLEVAL Datasheet HTML 19Page - Texas Instruments LM4935RLEVAL Datasheet HTML 20Page - Texas Instruments LM4935RLEVAL Datasheet HTML 21Page - Texas Instruments LM4935RLEVAL Datasheet HTML 22Page - Texas Instruments LM4935RLEVAL Datasheet HTML 23Page - Texas Instruments LM4935RLEVAL Datasheet HTML 24Page - Texas Instruments LM4935RLEVAL Datasheet HTML 25Page - Texas Instruments LM4935RLEVAL Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
Table 4-5. Common ADC Clock Frequencies
ADC Sample Rate (kHz)
Clock Required at C (MHz)
8
1
11.025
1.378125
12
1.5
16
2
22.05
2.75625
24
3
Methods for producing these clock frequencies are described in the PLL Section.
4.2.5
PLL M DIVIDER CONFIGURATION REGISTER
This register is used to control the input section of the PLL.
Table 4-6. PLL_M (0x02h)
Bits
Field
Description
0
RSVD
RESERVED
6:1
PLL_M
PLL_M
Input Divider Value
0
1
1
2
2
3
3
4
4...62
5...63
63
64
7
PLL_INPUT
Programs the PLL input multiplexer to select between:
PLL_INPUT
PLL Input Source
0
MCLK
1
I2S_CLK
The M divider should be set such that the output of the divider is between 0.5 MHz and 5 MHz.
The division of the M divider is derived from PLL_M such that:
M = PLL_M + 1
(1)
NOTE
See Section 4.2.9 for more detail.
22
Application Information
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com