công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM809JS bảng dữ liệu(PDF) 1 Page - Union Semiconductor, Inc.

tên linh kiện UM809JS
Giải thích chi tiết về linh kiện  3-Pin Microprocessor Reset Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UNIONSEMI [Union Semiconductor, Inc.]
Trang chủ  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM809JS bảng dữ liệu(HTML) 1 Page - Union Semiconductor, Inc.

  UM809JS Datasheet HTML 1Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 2Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 3Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 4Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 5Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 6Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 7Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 8Page - Union Semiconductor, Inc. UM809JS Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.04 Dec.2013
1/15
UM809/810
3-Pin Microprocessor Reset Circuits
UM809/810 SC70-3/SOT23-3
General Description
The UM809/810 series are ultra low current, cost effective system supervisory circuits designed to
monitor the power supplies in digital systems. They provide a reset signal to the host processor
when necessary, offer excellent circuit reliability & low cost by eliminating external component
and adjustment when used with +5V, +3.3V, +3.0V or other voltage powered circuits.
The reset output is driven active within 10 µs of power supply falling through the reset voltage
threshold. Reset is keeping active for a minimum of 140ms after system power supply has risen
above the reset threshold. Reset threshold suitable for operation with variety of supply voltage are
available.
UM809 has an active-low reset output while UM810 has an active-high reset output. The UM809
/ 810 are optimized to reject fast transient glitches on the power supply line, and the reset output
are guaranteed to be in the correct logic state for power supply VCC down to 1V.
Each of these ICs consists of a voltage reference comparator, resistors for detector threshold
setting, delay generator, output driver & hysteresis circuit. The reset threshold & time delay are
fixed with high accuracy internally and does not require any external adjustment.
Low supply current of 3 µA (VCC=3V) makes UM809/810 ideal for low power application. Both
devices are available in 3 Pin SC70 or SOT23 packages.
Applications
Features
CPU and logic circuit Reset
Power fail detector
Computers
Embedded system
Battery powered equipment
Intelligent instrument
Wide operation voltage range of 1V to 10V
Typical Quiescent current of 3μA
No External components
3-Pin small SC70 and SOT23 packages
VCC Transient immunity
Correct logic output guaranteed to VCC=1.0V
Precision VCC monitor for 2.5V, 3.0V, 3.3V,
and 5.0V supplies
Available in 2 output configurations
Push-pull low active Reset output(UM809)
Push-pull high active Reset output(UM810)
Wide operation Temperature: -40
to 105
℃℃
Pin Configurations
Top View
Top View
Top View
UM809/810
M: Monthly Code
SC70-3/SOT23-3


Số phần tương tự - UM809JS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Union Semiconductor, In...
UM809JS UNIONSEMI-UM809JS Datasheet
408Kb / 14P
3-Pin Microprocessor Reset Circuits
More results

Mô tả tương tự - UM809JS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com