| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2154 bảng dữ liệu(PDF) 42 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2154 bảng dữ liệu(HTML) 42 Page - Dallas Semiconductor |
|
42 / 87 page ![]() DS2154 42 of 87 5.4 FAS Error Counter FAS Count Register 1 (FASCR1) is the most significant word and FASCR2 is the least significant word of a 12-bit counter that records word errors in the Frame Alignment Signal in timeslot 0. This counter is disabled during loss of synchronization conditions, (RLOS = 1). Since the maximum FAS word error count in a 1-second period is 4000, this counter cannot saturate. FASCR1: FAS BIT COUNT REGISTER 1 (Address=02 Hex) FASCR2: FAS BIT COUNT REGISTER 2 (Address=04 Hex) (MSB) (LSB) FAS11 FAS10 FAS9 FAS8 FAS7 FAS6 (note 2) (note 2) FASCR1 FAS5 FAS4 FAS3 FAS2 FAS1 FAS0 (note 1) (note 1) FASCR2 SYMBOL POSITION NAME AND DESCRIPTION FAS11 FASCR1.7 MSB of the 12-bit FAS error count. FAS0 FASCR2.2 LSB of the 12-bit FAS error count. NOTES: 1. The lower 2 bits of FASCR1 at address 02 are the most significant bits of the 10-bit CRC4 error counter. 2. The lower 2 bits of FASCR2 at address 04 are the most significant bits of the 10-bit E-bit counter. |