| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS2154 bảng dữ liệu(PDF) 70 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2154 bảng dữ liệu(HTML) 70 Page - Dallas Semiconductor |
|
70 / 87 page ![]() DS2154 70 of 87 RECEIVE SIDE 2.048 MHz BOUNDARY TIMING (WITH ELASTIC STORE ENABLED) Figure 13-4 NOTES: 1. RSYNC is in the output mode (RCR1.5=0). 2. RSYNC is in the input mode (RCR1.5=1). 3. RCHBLK is programmed to block Channel 1. 4. RSIG normally contains the CAS multiframe alignment nibble (0000) in Channel 1. TRANSMIT SIDE TIMING Figure 13-5 NOTES: 1. TSYNC in the frame mode (TCR1.1=0). 2. TSYNC in the multiframe mode (TCR1.1=1). 3. TLINK is programmed to source only the Sa4 bit. 4. This diagram assumes both the CAS MF and the CRC4 begin with the align frame. |