công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS2154 bảng dữ liệu(PDF) 61 Page - Dallas Semiconductor

tên linh kiện DS2154
Giải thích chi tiết về linh kiện  Enhanced E1 Single Chip Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DALLAS [Dallas Semiconductor]
Trang chủ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2154 bảng dữ liệu(HTML) 61 Page - Dallas Semiconductor

Back Button DS2154 Datasheet HTML 57Page - Dallas Semiconductor DS2154 Datasheet HTML 58Page - Dallas Semiconductor DS2154 Datasheet HTML 59Page - Dallas Semiconductor DS2154 Datasheet HTML 60Page - Dallas Semiconductor DS2154 Datasheet HTML 61Page - Dallas Semiconductor DS2154 Datasheet HTML 62Page - Dallas Semiconductor DS2154 Datasheet HTML 63Page - Dallas Semiconductor DS2154 Datasheet HTML 64Page - Dallas Semiconductor DS2154 Datasheet HTML 65Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
DS2154
61 of 87
TSaCR: TRANSMIT Sa BIT CONTROL REGISTER (Address=1C Hex)
(MSB)
(LSB)
SiAF
SiNAF
RA
Sa4
Sa5
Sa6
Sa7
Sa8
SYMBOL
POSITION
NAME AND DESCRIPTION
SiAF
TSaCR.7
International Bit in Align Frame Insertion Control Bit.
0=do not insert data from the TSiAF register into the transmit data
stream
1=insert data from the TSiAF register into the transmit data stream
SiNAF
TSaCR.6
International Bit in Non-Align Frame Insertion Control Bit.
0=do not insert data from the TSiNAF register into the transmit data
stream
1=insert data from the TSiNAF register into the transmit data stream
RA
TSaCR.5
Remote Alarm Insertion Control Bit.
0=do not insert data from the TRA register into the transmit data
stream
1=insert data from the TRA register into the transmit data stream
Sa4
TSaCR.4
Additional Bit 4 Insertion Control Bit.
0=do not insert data from the TSa4 register into the transmit data
stream
1=insert data from the TSa4 register into the transmit data stream
Sa5
TSaCR.3
Additional Bit 5 Insertion Control Bit.
0=do not insert data from the TSa5 register into the transmit data
stream
1=insert data from the TSa5 register into the transmit data stream
Sa6
TSaCR.2
Additional Bit 6 Insertion Control Bit.
0=do not insert data from the TSa6 register into the transmit data
stream
1=insert data from the TSa6 register into the transmit data stream
Sa7
TSaCR.1
Additional Bit 7 Insertion Control Bit.
0=do not insert data from the TSa7 register into the transmit data
stream
1=insert data from the TSa7 register into the transmit data stream
Sa8
TSaCR.0
Additional Bit 8 Insertion Control Bit.
0=do not insert data from the TSa8 register into the transmit data
stream
1=insert data from the TSa8 register into the transmit data stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87