| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB021D bảng dữ liệu(PDF) 35 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AT45DB021D bảng dữ liệu(HTML) 35 Page - List of Unclassifed Manufacturers |
|
35 / 48 page ![]() 35 3638M–DFLASH–5/2013 AT45DB021D Figure 17-8. Command Sequence for Read/Write Operations for Page Size 264-Bytes (Except Status Register Read, Manufacturer and Device ID Read) Figure 17-9. Write Operations The following block diagram and waveforms illustrate the various write sequences available Figure 17-10. Buffer Write Page Address (PA9 - PA0) Byte/Buffer Address (BA8 - BA0/BFA8 - BFA0) SI (INPUT) CMD 8-bits 8-bits 8-bits X X X X X X X X X X X X LSB X X X X X X X X MSB 5 Don’t Care Bits X X X X FLASH MEMORY ARRAY PAGE (256-/264 BYTES) BUFFER (256-/264-BYTES) I/O INTERFACE SI BUFFER TO MAIN MEMORY PAGE PROGRAM BUFFER WRITE SI (INPUT) CMD Completes writing into the buffer CS X X···X, BFA8 BFA7-0 n n+1 Last Byte BINARY PAGE SIZE 16 DON'T CARE + BFA7-BFA0 |