| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5101A bảng dữ liệu(PDF) 11 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5101A bảng dữ liệu(HTML) 11 Page - Cirrus Logic |
|
11 / 40 page ![]() Notes: 35. In addition, VD+ must not be greater than (VA+) +0.3V 36. Transient currents of up to 100 mA will not cause SCR latch-up. *WARNING: Operation beyond these limits may result in permanent damage to the device. Notes: 33. All voltages with respect to ground. 34. The CS5101A and CS5102A can accept input voltages up to the analog supplies (VA+ and VA-). They will produce an output of all 1’s for inputs above VREF and all 0’s for inputs below AGND in unipolar mode and -VREF in bipolar mode, with binary coding (CODE = low). RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V, see Note 33) Parameter Symbol Min Typ Max Units DC Power Supplies: Positive Digital Negative Digital Positive Analog Negative Analog VD+ VD- VA+ VA- 4.5 -4.5 4.5 -4.5 5.0 -5.0 5.0 -5.0 VA+ -5.5 5.5 -5.5 V V V V Analog Reference Voltage VREF 2.5 4.5 (VA+)-0.5 V Analog Input Voltage: (Note 34) Unipolar Bipolar VAIN VAIN AGND -VREF - - VREF VREF V V ABSOLUTE MAXIMUM RATINGS* (AGND, DGND = 0V, all voltages with respect to ground) Parameter Symbol Min Typ Max Units DC Power Supplies: Positive Digital (Note 35) Negative Digital Positive Analog Negative Analog VD+ VD- VA+ VA- -0.3 0.3 -0.3 0.3 - - - - 6.0 -6.0 6.0 -6.0 V V V V Input Current, Any Pin Except Supplies (Note 36) Iin -- ±10 mA Analog Input Voltage (AIN and VREF pins) VINA (VA-)-0.3 - (VA+)+0.3 V Digital Input Voltage VIND -0.3 - (VA+)+0.3 V Ambient Operating Temperature TA -55 - 125 °C Storage Temperature Tstg -65 - 150 °C Ambient Operating Temperature TA -55 - 125 °C Storage Temperature Tstg -65 - 150 °C CS5101A CS5102A DS45F2 11 |