công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS22230 bảng dữ liệu(PDF) 27 Page - Cirrus Logic

tên linh kiện CS22230
Giải thích chi tiết về linh kiện  WIRELESS PCI/USB CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22230 bảng dữ liệu(HTML) 27 Page - Cirrus Logic

Back Button CS22230 Datasheet HTML 21Page - Cirrus Logic CS22230 Datasheet HTML 22Page - Cirrus Logic CS22230 Datasheet HTML 23Page - Cirrus Logic CS22230 Datasheet HTML 24Page - Cirrus Logic CS22230 Datasheet HTML 25Page - Cirrus Logic CS22230 Datasheet HTML 26Page - Cirrus Logic CS22230 Datasheet HTML 27Page - Cirrus Logic CS22230 Datasheet HTML 28Page - Cirrus Logic CS22230 Datasheet HTML 29Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
CS22230 Mini PCI / USB Wireless Controller
27 of 29
DS558PP1
Rev. 1.0
www.cirrus.com
Table 11. Radio MAC AC Timings – Intersil Modes
Parameter
Parameter Description
Min
Max
Units
tdBBAS
BBAS output delay from falling BBSCLK
8.2
ns
tdBBRNW
BBRNW output delay from falling BBSCLK
8.0
ns
tdnBBCS
nBBCS output delay from falling BBSCLK
59.0
ns
tdBBSDX
BBSDX output delay from falling BBSCLK
7.0
ns
TsuBBSDX
BBSDX setup to rising edge of BBSCLK
14.8
ns
ThBBSDX
BBSDX hold from rising edge of BBSCLK
0.0
ns
tdTXD
TXD output delay from rising TXCLK (SMAC
Mode)
33.5
ns
tdTXD
TXD output delay from rising TXCLK (RMAC
Mode)
15.4
ns
TsuRXD
RXD setuptorising edgeofRXCLK
1.0
ns
ThRXD
RXD hold from rising edge of RXCLK
1.8
ns
TsuMDRDY
MDRDY setup to falling edge of RXCLK
2
ns
ThMDRDY
MDRDY hold from falling edge of RXCLK
1
ns
tdTXPEBB
TXPEBB output delay from rising TXCLK
15.0
ns
tdRXPEBB
RXPEBB output delay from rising RXCLK
16.0
ns
TsuTXRDY
TXRDY setup to falling edge of TXCLK
6.5
ns
ThTXRDY
TXRDY hold from falling edge of TXCLK
0
ns
TdutyRXCLK
2
RXCLK period
See Note
ns
TdutyTXCLK
2
TXCLK period
See Note
ns
Notes:
1.
CCA signal is double synchronized to ARMCLKIN.
2.
ARMCLK must be at least 4 times the TXCLK and RXCLK frequency.
3.
Harris baseband (3824/3824A) generates RXCLK and TXCLK of 4 Mhz. the duty cycle varies between 33-40%
with a high time of 90.9ns and low time that alternates between 136 and 182ns. The clock period varies between
227 and 272 ns, giving an effective period of 250ns.
4.
TXD delay in 802.11b mode is the result of sampling the TXCLK with the ctlclk, therefore the maximum delay
is equal to two ctlclk periods plus the flop-to-output delay. In this table, ctlclk is assumed to have a 13 ns period.
5.
BBNCS output delay = [(1/ARMCLK freq)*ceiling(SER_CLK_DIV/2)] + 7ns, the specified value is based on
ARMCLK of 77 Mhz and SER_CLK_DIV=8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com