công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS22230 bảng dữ liệu(PDF) 12 Page - Cirrus Logic

tên linh kiện CS22230
Giải thích chi tiết về linh kiện  WIRELESS PCI/USB CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS22230 bảng dữ liệu(HTML) 12 Page - Cirrus Logic

Back Button CS22230 Datasheet HTML 8Page - Cirrus Logic CS22230 Datasheet HTML 9Page - Cirrus Logic CS22230 Datasheet HTML 10Page - Cirrus Logic CS22230 Datasheet HTML 11Page - Cirrus Logic CS22230 Datasheet HTML 12Page - Cirrus Logic CS22230 Datasheet HTML 13Page - Cirrus Logic CS22230 Datasheet HTML 14Page - Cirrus Logic CS22230 Datasheet HTML 15Page - Cirrus Logic CS22230 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
CS22230 Mini PCI / USB Wireless Controller
12 of 29
DS558PP1
Rev. 1.0
www.cirrus.com
BBRNW
Output
Baseband read/write is an output from the MAC to indicate the direction of
the SD bus when used for reading or writing data. This signal has to be
setup to the rising edge of BBSCLK for the baseband processor and is
driven on the falling edge of BBSCLK.
nRESETBB
Output
Baseband reset is an output of the MAC to reset the baseband processor.
BBAS
Output
Baseband address strobe is used to envelop the address or the data on
the BBSDX bus. Logic 1 envelops the address and a logic 0 envelops the
data. This signal has to be setup to the rising edge of BBSCLK for the
baseband processor and is driven on the falling edge of BBSCLK.
nBBCS
Output
Baseband chip select is an active low output to activate the serial control
port. When inactive the SD, BBSCLK, BBAS and BBRNW signals are
‘don’t cares’.
TXPAPE
Output
Radio power amplifier power enable is a software-controlled output. This
signal is used to gate power to the power amplifier.
TXPE
Output
Radio transmit power enable indicates if transmit mode is enabled. When
low, this signal indicates receive mode.
RXPEBB
Output
Baseband receive power enable is an output that indicates if the MAC is in
receive mode. Output to baseband processor enables receive mode in
baseband processor.
BBSCLK
Output
Baseband serial clock is a programmable output generated by dividing
ARM_CLK by 14 (default). This clock is used for the serial control port to
sample the control and data signals.
BBSDX
Bi-directional
Baseband serial data is a bi-directional serial data bus, which is used to
transfer address and data to/from the internal registers of the baseband
processor.
SYNTHLE
Output
Synthesizer latch enable is an active high signal used to send data to the
synthesizer.
nRPD
Output
Radio PowerDown Enable.
This active low signal is used for power
management purposes for the radio circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com