công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IXP42X bảng dữ liệu(PDF) 53 Page - Intel Corporation

tên linh kiện IXP42X
Giải thích chi tiết về linh kiện  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X bảng dữ liệu(HTML) 53 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 49Page - Intel Corporation IXP42X Datasheet HTML 50Page - Intel Corporation IXP42X Datasheet HTML 51Page - Intel Corporation IXP42X Datasheet HTML 52Page - Intel Corporation IXP42X Datasheet HTML 53Page - Intel Corporation IXP42X Datasheet HTML 54Page - Intel Corporation IXP42X Datasheet HTML 55Page - Intel Corporation IXP42X Datasheet HTML 56Page - Intel Corporation IXP42X Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Package and Pinout Information
Datasheet
53
E1
PCI_AD[23]
F1
PCI_AD[20]
G1
PCI_AD[21]
H1
PCI_AD[16]
E2
VCCP
F2
PCI_IDSEL
G2
VCCP
H2
PCI_AD[18]
E3
PCI_REQ_N[2]
F3
VCC
G3
PCI_AD[24]
H3
VCC
E4
VSS
F4
PCI_REQ_N[0]
G4
VSS
H4
PCI_CBE_N[3]
E5
PCI_GNT_N[0]
F5
VCCP
G5
PCI_REQ_N[1]
H5
VCC
E6
SDM_DATA[16]
F6
VCC
G6
VSS
H6
PCI_REQ_N[3]
E7
VCCP
F7
SDM_DATA[31]
E8
SDM_DATA[30]
F8
VSS
E9
VSS
F9
SDM_DATA[17]
E10
SDM_DATA[22]
F10
VCC
E11
VCCP
E12
SDM_DATA[3]
E13
VSS
E14
SDM_DQM[0]
E15
VCCP
E16
SDM_BA[0]
E17
VSS
F17
VCC
E18
SDM_ADDR[7]
F18
SDM_ADDR[4]
E19
VCCP
F19
VSS
E20
SDM_ADDR[3]
F20
USB_DPOS
E21
USB_DNEG
F21
VCC
G21
EX_ADDR[2]
H21
VSS
E22
VCCP
F22
EX_WR_N
G22
VSS
H22
EX_ADDR[11]
E23
VSS
F23
VCC
G23
EX_ADDR[12]
H23
EX_ADDR[18]
E24
EX_ADDR[10]
F24
EX_ADDR[14]
G24
VSS
H24
VCCP
E25
EX_ADDR[15]
F25
VCCP
G25
EX_ADDR[20]
H25
VSS
E26
EX_ADDR[19]
F26
EX_ADDR[21]
G26
EX_ADDR[22]
H26
EX_CS_N[1]
Table 21.
Ball Map Assignment for the Intel® IXP422 Network Processor (Sheet 2 of 7)
Ball
Signal
Ball
Signal
Ball
Signal
Ball
Signal
NOTE:
Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and
requirements, see Section 3.0, “Functional Signal Descriptions” on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More