| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXP42X bảng dữ liệu(PDF) 45 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP42X bảng dữ liệu(HTML) 45 Page - Intel Corporation |
|
45 / 112 page ![]() Intel® IXP42X Product Line and IXC1100 Control Plane Processor Package and Pinout Information Datasheet 45 4.2 Signal-Pin Descriptions In this section, separate ball-map-assignment tables are given for each model of the IXP42X product line and IXC1100 control plane processors. These tables include: Device Table # Starting Page Intel® IXP425 Network Processor 20 45 Intel® IXP422 Network Processor 21 52 Intel® IXP421 Network Processor 22 59 Intel® IXP420 Network Processor and Intel® IXC1100 Control Plane Processor 23 66 Table 20. Ball Map Assignment for the Intel® IXP425 Network Processor (Sheet 1 of 7) Ball Signal Ball Signal Ball Signal Ball Signal A1 PCI_AD[27] B1 PCI_AD[28] C1 PCI_AD[26] D1 PCI_AD[25] A2 PCI_GNT_N[1] B2 VCCP C2 PCI_AD[30] D2 VSS A3 PCI_GNT_N[3] B3 PCI_GNT_N[2] C3 VSS D3 PCI_AD[31] A4 SDM_DATA[19] B4 VCCP C4 PCI_INTA_N D4 VCC A5 SDM_DATA[27] B5 SDM_DATA[28] C5 VSS D5 PCI_SERR_N A6 SDM_DATA[26] B6 VCCP C6 SDM_DATA[18] D6 VCC A7 SDM_DATA[25] B7 SDM_DATA[21] C7 VSS D7 SDM_DATA[29] A8 SDM_DATA[23] B8 VSS C8 VCCP D8 SDM_DATA[20] A9 SDM_DATA[14] B9 SDM_DATA[0] C9 SDM_DATA[24] D9 VCC A10 SDM_DATA[13] B10 VCCP C10 VSS D10 SDM_DATA[15] A11 SDM_DATA[11] B11 SDM_DATA[12] C11 SDM_DATA[2] D11 SDM_DATA[1] A12 SDM_DATA[10] B12 VSS C12 SDM_DATA[4] D12 VCC A13 SDM_DATA[6] B13 SDM_DATA[9] C13 VSS D13 SDM_DATA[5] A14 SDM_DATA[8] B14 VCCP C14 SDM_DATA[7] D14 VCC A15 SDM_DQM[1] B15 SDM_DQM[2] C15 SDM_DQM[3] D15 SDM_WE_N A16 SDM_CS_N[0] B16 VSS C16 VCCP D16 SDM_CS_N[1] A17 SDM_CLKOUT B17 SDM_CKE C17 SDM_CAS_N D17 SDM_BA[1] A18 SDM_RAS_N B18 VCCP C18 SDM_ADDR[11] D18 VCC A19 SDM_ADDR[12] B19 SDM_ADDR[10] C19 VSS D19 SDM_ADDR[0] A20 SDM_ADDR[9] B20 VSS C20 SDM_ADDR[6] D20 VSS A21 SDM_ADDR[8] B21 SDM_ADDR[1] C21 SDM_ADDR[2] D21 VCC A22 SDM_ADDR[5] B22 VCCP C22 VSS D22 EX_ALE A23 EX_RD_N B23 EX_IOWAIT_N C23 EX_ADDR[0] D23 VCC A24 EX_ADDR[1] B24 VSS C24 EX_ADDR[4] D24 EX_ADDR[6] A25 EX_ADDR[3] B25 VCCP C25 EX_ADDR[7] D25 RCOMP A26 EX_ADDR[5] B26 EX_ADDR[9] C26 EX_ADDR[13] D26 EX_ADDR[17] NOTE: Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and requirements, see Section 3.0, “Functional Signal Descriptions” on page 30. |