| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXP42X bảng dữ liệu(PDF) 44 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP42X bảng dữ liệu(HTML) 44 Page - Intel Corporation |
|
44 / 112 page ![]() Intel® IXP42X Product Line and IXC1100 Control Plane Processor Package and Pinout Information 44 Datasheet Intel® IXP420 Network Processor B-0 533 FWIXP420BD Intel® IXP420 Network Processor B-0 400 FWIXP420BC Intel® IXP420 Network Processor B-0 266 FWIXP420BB Intel® IXP420 Network Processor B-0 266 Extended Temperature GWIXP420BBT Intel® IXC1100 Control Plane Processor B-0 533 FWIXC1100BD Intel® IXC1100 Control Plane Processor B-0 400 FWIXC1100BC Intel® IXC1100 Control Plane Processor B-0 266 FWIXC1100BB Intel® IXC1100 Control Plane Processor B-0 533 Extended Temperature GWIXC1100BDT Intel® IXC1100 Control Plane Processor B-0 400 Extended Temperature GWIXC1100BCT Intel® IXC1100 Control Plane Processor B-0 266 Extended Temperature GWIXC1100BBT Table 19. Part Numbers (Sheet 2 of 2) Device Stepping Speed (MHz) Part # |