| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCF5250LPV100 bảng dữ liệu(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SCF5250LPV100 bảng dữ liệu(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 56 page ![]() SCF5250 Data Sheet: Technical Data, Rev. 1.3 Freescale Semiconductor 51 5.4 196 MAPBGA Package and Ball Map The SCF5250 is available in a 196-pin MAPBGA package. For the 196 MAPBGA package drawings, refer to Figure 18 on page 52 and Figure 19 on page 53. For the 196 MAPBGA ball map, refer to Figure 20 on page 54. A1 BGA1_NC_A1 NC A14 BGA1_NC_A14 NC P1 BGA1_NC_P1 NC P14 BGA1_NC_P14 NC Table 36. 196 MAPBGA Pin Assignments (continued) MAPBGA Pin Name Type Description Pin State After Reset |