công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP2C5 bảng dữ liệu(PDF) 76 Page - Altera Corporation

tên linh kiện EP2C5
Giải thích chi tiết về linh kiện  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C5 bảng dữ liệu(HTML) 76 Page - Altera Corporation

Back Button EP2C5 Datasheet HTML 72Page - Altera Corporation EP2C5 Datasheet HTML 73Page - Altera Corporation EP2C5 Datasheet HTML 74Page - Altera Corporation EP2C5 Datasheet HTML 75Page - Altera Corporation EP2C5 Datasheet HTML 76Page - Altera Corporation EP2C5 Datasheet HTML 77Page - Altera Corporation EP2C5 Datasheet HTML 78Page - Altera Corporation EP2C5 Datasheet HTML 79Page - Altera Corporation EP2C5 Datasheet HTML 80Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 168 page
background image
3–2
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
IEEE Std. 1149.1 (JTAG) Boundary Scan Support
Cyclone II devices also use the JTAG port to monitor the logic operation
of the device with the SignalTap® II embedded logic analyzer. Cyclone II
devices support the JTAG instructions shown in Table 3–1.
Table 3–1. Cyclone II JTAG Instructions (Part 1 of 2)
JTAG Instruction
Instruction Code
Description
SAMPLE/PRELOAD
00 0000 0101
Allows a snapshot of signals at the device pins to be captured and
examined during normal device operation, and permits an initial
data pattern to be output at the device pins. Also used by the
SignalTap II embedded logic analyzer.
EXTEST (1)
00 0000 1111
Allows the external circuitry and board-level interconnects to be
tested by forcing a test pattern at the output pins and capturing test
results at the input pins.
BYPASS
11 1111 1111
Places the 1-bit bypass register between the
TDI and TDO pins,
which allows the BST data to pass synchronously through selected
devices to adjacent devices during normal device operation.
USERCODE
00 0000 0111
Selects the 32-bit
USERCODE register and places it between the
TDI and TDO pins, allowing the USERCODE to be serially shifted
out of
TDO.
IDCODE
00 0000 0110
Selects the
IDCODE register and places it between TDI and TDO,
allowing the
IDCODE to be serially shifted out of TDO.
HIGHZ (1)
00 0000 1011
Places the 1-bit bypass register between the
TDI and TDO pins,
which allows the BST data to pass synchronously through selected
devices to adjacent devices during normal device operation, while
tri-stating all of the I/O pins.
CLAMP (1)
00 0000 1010
Places the 1-bit bypass register between the
TDI and TDO pins,
which allows the BST data to pass synchronously through selected
devices to adjacent devices during normal device operation while
holding I/O pins to a state defined by the data in the boundary-scan
register.
ICR
instructions
Used when configuring a Cyclone II device via the JTAG port with
a USB Blaster™, ByteBlaster™ II, MasterBlaster™ or
ByteBlasterMV™ download cable, or when using a Jam File or JBC
File via an embedded processor.
PULSE_NCONFIG
00 0000 0001
Emulates pulsing the
nCONFIG pin low to trigger reconfiguration
even though the physical pin is unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com