công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP2C5 bảng dữ liệu(PDF) 47 Page - Altera Corporation

tên linh kiện EP2C5
Giải thích chi tiết về linh kiện  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C5 bảng dữ liệu(HTML) 47 Page - Altera Corporation

Back Button EP2C5 Datasheet HTML 43Page - Altera Corporation EP2C5 Datasheet HTML 44Page - Altera Corporation EP2C5 Datasheet HTML 45Page - Altera Corporation EP2C5 Datasheet HTML 46Page - Altera Corporation EP2C5 Datasheet HTML 47Page - Altera Corporation EP2C5 Datasheet HTML 48Page - Altera Corporation EP2C5 Datasheet HTML 49Page - Altera Corporation EP2C5 Datasheet HTML 50Page - Altera Corporation EP2C5 Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 168 page
background image
Altera Corporation
2–35
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
There is only one signa and one signb signal for each dedicated
multiplier. Therefore, all of the data A inputs feeding the same dedicated
multiplier must have the same sign representation. Similarly, all of the
data B inputs feeding the same dedicated multiplier must have the same
sign representation. The signa and signb signals can be changed
dynamically to modify the sign representation of the input operands at
run time. The multiplier offers full precision regardless of the sign
representation and can be registered using dedicated registers located at
the input register stage.
Multiplier Modes
Table 2–12 summarizes the different modes that the embedded
multipliers can operate in.
Table 2–12. Embedded Multiplier Modes
Multiplier Mode
Description
18-bit Multiplier
An embedded multiplier can be configured to support a
single 18 × 18 multiplier for operand widths up to 18 bits.
All 18-bit multiplier inputs and results can be registered
independently. The multiplier operands can accept
signed integers, unsigned integers, or a combination of
both.
9-bit Multiplier
An embedded multiplier can be configured to support
two 9 × 9 independent multipliers for operand widths up
to 9-bits. Both 9-bit multiplier inputs and results can be
registered independently. The multiplier operands can
accept signed integers, unsigned integers or a
combination of both.
There is only one signa signal to control the sign
representation of both data A inputs and one signb
signal to control the sign representation of both data B
inputs of the 9-bit multipliers within the same dedicated
multiplier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com