công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP2C5 bảng dữ liệu(PDF) 73 Page - Altera Corporation

tên linh kiện EP2C5
Giải thích chi tiết về linh kiện  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C5 bảng dữ liệu(HTML) 73 Page - Altera Corporation

Back Button EP2C5 Datasheet HTML 69Page - Altera Corporation EP2C5 Datasheet HTML 70Page - Altera Corporation EP2C5 Datasheet HTML 71Page - Altera Corporation EP2C5 Datasheet HTML 72Page - Altera Corporation EP2C5 Datasheet HTML 73Page - Altera Corporation EP2C5 Datasheet HTML 74Page - Altera Corporation EP2C5 Datasheet HTML 75Page - Altera Corporation EP2C5 Datasheet HTML 76Page - Altera Corporation EP2C5 Datasheet HTML 77Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 168 page
background image
Altera Corporation
2–61
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
3.3
v (4)
v
v (6)
v (6)
v (6)
v
Notes to Table 2–20:
(1)
The PCI clamping diode must be disabled to drive an input with voltages higher than VCCIO.
(2)
These input values overdrive the input buffer, so the pin leakage current is slightly higher than the default value.
To drive inputs higher than VCCIO but less than 4.0 V, disable the PCI clamping diode and turn on Allow voltage
overdrive for LVTTL/LVCMOS input pins
option in Device setting option in the Quartus II software.
(3)
When VCCIO = 1.8-V, a Cyclone II device can drive a 1.5-V device with 1.8-V tolerant inputs.
(4)
When VCCIO = 3.3-V and a 2.5-V input signal feeds an input pin or when VCCIO = 1.8-V and a 1.5-V input signal
feeds an input pin, the VCCIO supply current will be slightly larger than expected. The reason for this increase is
that the input signal level does not drive to the VCCIO rail, which causes the input buffer to not completely shut off.
(5)
When VCCIO = 2.5-V, a Cyclone II device can drive a 1.5-V or 1.8-V device with 2.5-V tolerant inputs.
(6)
When VCCIO = 3.3-V, a Cyclone II device can drive a 1.5-V, 1.8-V, or 2.5-V device with 3.3-V tolerant inputs.
Table 2–20. Cyclone II MultiVolt I/O Support (Part 2 of 2)
Note (1)
VCCIO (V)
Input Signal
Output Signal
1.5 V
1.8 V
2.5 V
3.3 V
1.5 V
1.8 V
2.5 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com