công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP2C5 bảng dữ liệu(PDF) 5 Page - Altera Corporation

tên linh kiện EP2C5
Giải thích chi tiết về linh kiện  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C5 bảng dữ liệu(HTML) 5 Page - Altera Corporation

  EP2C5 Datasheet HTML 1Page - Altera Corporation EP2C5 Datasheet HTML 2Page - Altera Corporation EP2C5 Datasheet HTML 3Page - Altera Corporation EP2C5 Datasheet HTML 4Page - Altera Corporation EP2C5 Datasheet HTML 5Page - Altera Corporation EP2C5 Datasheet HTML 6Page - Altera Corporation EP2C5 Datasheet HTML 7Page - Altera Corporation EP2C5 Datasheet HTML 8Page - Altera Corporation EP2C5 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 168 page
background image
Altera Corporation
1–3
February 2008
Cyclone II Device Handbook, Volume 1
Introduction
●
133-MHz PCI-X 1.0 specification compatibility
●
High-speed external memory support, including DDR, DDR2,
and SDR SDRAM, and QDRII SRAM supported by drop in
Altera IP MegaCore functions for ease of use
●
Three dedicated registers per I/O element (IOE): one input
register, one output register, and one output-enable register
●
Programmable bus-hold feature
●
Programmable output drive strength feature
●
Programmable delays from the pin to the IOE or logic array
●
I/O bank grouping for unique VCCIO and/or VREF bank
settings
●
MultiVolt™ I/O standard support for 1.5-, 1.8-, 2.5-, and
3.3-interfaces
●
Hot-socketing operation support
●
Tri-state with weak pull-up on I/O pins before and during
configuration
●
Programmable open-drain outputs
●
Series on-chip termination support
■
Flexible clock management circuitry
●
Hierarchical clock network for up to 402.5-MHz performance
●
Up to four PLLs per device provide clock multiplication and
division, phase shifting, programmable duty cycle, and external
clock outputs, allowing system-level clock management and
skew control
●
Up to 16 global clock lines in the global clock network that drive
throughout the entire device
■
Device configuration
●
Fast serial configuration allows configuration times less than
100 ms
●
Decompression feature allows for smaller programming file
storage and faster configuration times
●
Supports multiple configuration modes: active serial, passive
serial, and JTAG-based configuration
●
Supports configuration through low-cost serial configuration
devices
●
Device configuration supports multiple voltages (either 3.3, 2.5,
or 1.8 V)
■
Intellectual property
●
Altera megafunction and Altera MegaCore function support,
and Altera Megafunctions Partners Program (AMPPSM)
megafunction support, for a wide range of embedded
processors, on-chip and off-chip interfaces, peripheral
functions, DSP functions, and communications functions and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com