công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC2132FBD64/01 bảng dữ liệu(PDF) 19 Page - NXP Semiconductors

tên linh kiện LPC2132FBD64/01
Giải thích chi tiết về linh kiện  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132FBD64/01 bảng dữ liệu(HTML) 19 Page - NXP Semiconductors

Back Button LPC2132FBD64/01 Datasheet HTML 15Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 16Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 17Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 18Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 19Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 20Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 21Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 22Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
19 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
6.12.1 Features
• Compliant with Serial Peripheral Interface (SPI) specification.
• Synchronous, Serial, Full Duplex, Communication.
• Combined SPI master and slave.
• Maximum data bit rate of one eighth of the input clock rate.
6.13 SSP serial I/O controller
The LPC2131/32/34/36/38 each contain one Serial Synchronous Port controller (SSP).
The SSP controller is capable of operation on a SPI, 4-wire SSI, or Microwire bus. It can
interact with multiple masters and slaves on the bus. However, only a single master and a
single slave can communicate on the bus during a given data transfer. The SSP supports
full duplex transfers, with frames of 4 bits to 16 bits of data flowing from the master to the
slave and from the slave to the master. Often only one of these data flows carries
meaningful data.
6.13.1 Features
• Compatible with Motorola SPI, 4-wire TI SSI and National Semiconductor Microwire
buses.
• Synchronous Serial Communication.
• Master or slave operation.
• 8-frame FIFOs for both transmit and receive.
• Four bits to 16 bits per frame.
6.14 General purpose timers/external event counters
The Timer/Counter is designed to count cycles of the peripheral clock (PCLK) or an
externally supplied clock, and optionally generate interrupts or perform other actions at
specified timer values, based on four match registers. It also includes four capture inputs
to trap the timer value when an input signal transitions, optionally generating an interrupt.
Multiple pins can be selected to perform a single capture or match function, providing an
application with ‘or’ and ‘and’, as well as ‘broadcast’ functions among them.
At any given time only one of peripheral’s capture inputs can be selected as an external
event signal source, i.e., timer’s clock. The rate of external events that can be
successfully counted is limited to PCLK/2. In this configuration, unused capture lines can
be selected as regular timer capture inputs.
6.14.1 Features
• A 32-bit Timer/Counter with a programmable 32-bit Prescaler.
• External Event Counter or timer operation.
• Four 32-bit capture channels per timer/counter that can take a snapshot of the timer
value when an input signal transitions. A capture event may also optionally generate
an interrupt.
• Four 32-bit match registers that allow:
– Continuous operation with optional interrupt generation on match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com