công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC2132FBD64/01 bảng dữ liệu(PDF) 37 Page - NXP Semiconductors

tên linh kiện LPC2132FBD64/01
Giải thích chi tiết về linh kiện  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132FBD64/01 bảng dữ liệu(HTML) 37 Page - NXP Semiconductors

Back Button LPC2132FBD64/01 Datasheet HTML 33Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 34Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 35Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 36Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 37Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 38Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 39Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 40Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
37 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
Fig 14. Oscillator modes and models: oscillation mode of operation and external crystal
model used for CX1/CX2 evaluation
Table 10.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters): low frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1/CX2
1 MHz to 5 MHz
10 pF
< 300
Ω
18 pF, 18 pF
20 pF
< 300
Ω
39 pF, 39 pF
30 pF
< 300
Ω
57 pF, 57 pF
5 MHz to 10 MHz
10 pF
< 300
Ω
18 pF, 18 pF
20 pF
< 200
Ω
39 pF, 39 pF
30 pF
< 100
Ω
57 pF, 57 pF
10 MHz to 15 MHz
10 pF
< 160
Ω
18 pF, 18 pF
20 pF
< 60
Ω
39 pF, 39 pF
15 MHz to 20 MHz
10 pF
< 80
Ω
18 pF, 18 pF
Table 11.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters): high frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1, CX2
15 MHz to 20 MHz
10 pF
< 180
Ω
18 pF, 18 pF
20 pF
< 100
Ω
39 pF, 39 pF
20 MHz to 25 MHz
10 pF
< 160
Ω
18 pF, 18 pF
20 pF
< 80
Ω
39 pF, 39 pF
002aaf494
LPC2xxx
XTALIN
XTALOUT
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com