công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC2132FBD64/01 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện LPC2132FBD64/01
Giải thích chi tiết về linh kiện  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132FBD64/01 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button LPC2132FBD64/01 Datasheet HTML 6Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 7Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 8Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 9Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 10Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 11Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 12Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 13Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
10 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
P0.11/CTS1/
CAP1.1/SCL1
37[3]
I
CTS1 — Clear to Send input for UART1. Available in LPC2134/36/38.
I
CAP1.1 — Capture input for Timer 1, channel 1.
I/O
SCL1 — I2C1 clock input/output. Open drain output (for I2C-bus compliance)
P0.12/DSR1/
MAT1.0/AD1.3
38[4]
I
DSR1 — Data Set Ready input for UART1. Available in LPC2134/36/38.
O
MAT1.0 — Match output for Timer 1, channel 0.
I
AD1.3 — ADC 1, input 3. This analog input is always connected to its pin. Available in
LPC2134/36/38 only.
P0.13/DTR1/
MAT1.1/AD1.4
39[4]
O
DTR1 — Data Terminal Ready output for UART1. Available in LPC2134/36/38.
O
MAT1.1 — Match output for Timer 1, channel 1.
I
AD1.4 — ADC 1, input 4. This analog input is always connected to its pin. Available in
LPC2134/36/38 only.
P0.14/DCD1/
EINT1/SDA1
41[3]
I
DCD1 — Data Carrier Detect input for UART1. Available in LPC2134/36/38.
I
EINT1 — External interrupt 1 input.
I/O
SDA1 — I2C1 data input/output. Open drain output (for I2C-bus compliance).
P0.15/RI1/
EINT2/AD1.5
45[4]
I
RI1 — Ring Indicator input for UART1. Available in LPC2134/36/38.
I
EINT2 — External interrupt 2 input.
I
AD1.5 — ADC 1, input 5. This analog input is always connected to its pin. Available in
LPC2134/36/38 only.
P0.16/EINT0/
MAT0.2/CAP0.2
46[2]
I
EINT0 — External interrupt 0 input.
O
MAT0.2 — Match output for Timer 0, channel 2.
I
CAP0.2 — Capture input for Timer 0, channel 2.
P0.17/CAP1.2/
SCK1/MAT1.2
47[1]
I
CAP1.2 — Capture input for Timer 1, channel 2.
I/O
SCK1 — Serial Clock for SSP. Clock output from master or input to slave.
O
MAT1.2 — Match output for Timer 1, channel 2.
P0.18/CAP1.3/
MISO1/MAT1.3
53[1]
I
CAP1.3 — Capture input for Timer 1, channel 3.
I/O
MISO1 — Master In Slave Out for SSP. Data input to SPI master or data output from
SSP slave.
O
MAT1.3 — Match output for Timer 1, channel 3.
P0.19/MAT1.2/
MOSI1/CAP1.2
54[1]
O
MAT1.2 — Match output for Timer 1, channel 2.
I/O
MOSI1 — Master Out Slave In for SSP. Data output from SSP master or data input to
SSP slave.
I
CAP1.2 — Capture input for Timer 1, channel 2.
P0.20/MAT1.3/
SSEL1/EINT3
55[2]
O
MAT1.3 — Match output for Timer 1, channel 3.
I
SSEL1 — Slave Select for SSP. Selects the SSP interface as a slave.
I
EINT3 — External interrupt 3 input.
P0.21/PWM5/
AD1.6/CAP1.3
1[4]
O
PWM5 — Pulse Width Modulator output 5.
I
AD1.6 — ADC 1, input 6. This analog input is always connected to its pin. Available in
LPC2134/36/38 only.
I
CAP1.3 — Capture input for Timer 1, channel 3.
P0.22/AD1.7/
CAP0.0/MAT0.0
2[4]
I
AD1.7 — ADC 1, input 7. This analog input is always connected to its pin. Available in
LPC2134/36/38 only.
I
CAP0.0 — Capture input for Timer 0, channel 0.
O
MAT0.0 — Match output for Timer 0, channel 0.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com