công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC2132FBD64/01 bảng dữ liệu(PDF) 36 Page - NXP Semiconductors

tên linh kiện LPC2132FBD64/01
Giải thích chi tiết về linh kiện  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132FBD64/01 bảng dữ liệu(HTML) 36 Page - NXP Semiconductors

Back Button LPC2132FBD64/01 Datasheet HTML 32Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 33Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 34Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 35Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 36Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 37Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 38Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 39Page - NXP Semiconductors LPC2132FBD64/01 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 2 February 2011
36 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
12. Application information
12.1 Crystal oscillator XTAL input and component selection
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci / (Ci + Cg). In
slave mode, a minimum of 200 mV (RMS) is needed.
In slave mode the input clock signal should be coupled by means of a capacitor of 100 pF
(Figure 13), with an amplitude between 200 mV (RMS) and 1000 mV (RMS). This
corresponds to a square wave signal with a signal swing of between 280 mV and 1.4 V.
The XTALOUT pin in this configuration can be left unconnected.
External components and models used in oscillation mode are shown in Figure 14 and in
Table 10 and Table 11. Since the feedback resistance is integrated on chip, only a crystal
and the capacitances CX1 and CX2 need to be connected externally in case of
fundamental mode oscillation (the fundamental frequency is represented by L, CL and
RS). Capacitance CP in Figure 14 represents the parallel package capacitance and should
not be larger than 7 pF. Parameters FOSC, CL, RS and CP are supplied by the crystal
manufacturer.
Fig 13. Slave mode operation of the on-chip oscillator
LPC2xxx
XTAL1
Ci
100 pF
Cg
002aae718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com