công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 104 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 100Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 101Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 102Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 103Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 104Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 105Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 106Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 107Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
5.12.3 EMIFB Electrical Data/Timing
Table 5-27. EMIFB SDRAM Interface Timing Requirements
No.
PARAMETER
MIN
MAX
UNIT
Input setup time, read data valid on EMB_D[31:0] before EMB_CLK
19
tsu(DV-CLKH)
0.8
ns
rising
20
th(CLKH-DIV)
Input hold time, read data valid on EMB_D[31:0] after EMB_CLK rising
1.5
ns
Table 5-28. EMIFB SDRAM Interface Switching Characteristics
No.
PARAMETER
MIN
MAX
UNIT
1
tc(CLK)
Cycle time, EMIF clock EMB_CLK
6.579
ns
2
tw(CLK)
Pulse width, EMIF clock EMB_CLK high or low
2.63
ns
3
td(CLKH-CSV)
Delay time, EMB_CLK rising to EMB_CS[0] valid
5.1
ns
4
toh(CLKH-CSIV)
Output hold time, EMB_CLK rising to EMB_CS[0] invalid
0.9
ns
5
td(CLKH-DQMV)
Delay time, EMB_CLK rising to EMB_WE_DQM[3:0] valid
5.1
ns
6
toh(CLKH-DQMIV)
Output hold time, EMB_CLK rising to EMB_WE_DQM[3:0] invalid
0.9
ns
7
td(CLKH-AV)
Delay time, EMB_CLK rising to EMB_A[12:0] and EMB_BA[1:0] valid
5.1
ns
Output hold time, EMB_CLK rising to EMB_A[12:0] and EMB_BA[1:0]
8
toh(CLKH-AIV)
0.9
ns
invalid
9
td(CLKH-DV)
Delay time, EMB_CLK rising to EMB_D[31:0] valid
5.1
ns
10
toh(CLKH-DIV)
Output hold time, EMB_CLK rising to EMB_D[31:0] invalid
0.9
ns
11
td(CLKH-RASV)
Delay time, EMB_CLK rising to EMB_RAS valid
5.1
ns
12
toh(CLKH-RASIV)
Output hold time, EMB_CLK rising to EMB_RAS invalid
0.9
ns
13
td(CLKH-CASV)
Delay time, EMB_CLK rising to EMB_CAS valid
5.1
ns
14
toh(CLKH-CASIV)
Output hold time, EMB_CLK rising to EMB_CAS invalid
0.9
ns
15
td(CLKH-WEV)
Delay time, EMB_CLK rising to EMB_WE valid
5.1
ns
16
toh(CLKH-WEIV)
Output hold time, EMB_CLK rising to EMB_WE invalid
0.9
ns
17
tdis(CLKH-DHZ)
Delay time, EMB_CLK rising to EMB_D[31:0] 3-stated
5.1
ns
18
tena(CLKH-DLZ)
Output hold time, EMB_CLK rising to EMB_D[31:0] driving
0.9
ns
104
Peripheral Information and Electrical Specifications
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com