công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6745DPTP3 bảng dữ liệu(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C6745DPTP3
Giải thích chi tiết về linh kiện  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP3 bảng dữ liệu(HTML) 85 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 81Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 82Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 83Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 84Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 85Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 86Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 87Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 88Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
Table 5-13. EDMA3 Channel Controller (EDMA3CC) Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01C0 2228
EECR
Event Enable Clear Register
0x01C0 2230
EESR
Event Enable Set Register
0x01C0 2238
SER
Secondary Event Register
0x01C0 2240
SECR
Secondary Event Clear Register
0x01C0 2250
IER
Interrupt Enable Register
0x01C0 2258
IECR
Interrupt Enable Clear Register
0x01C0 2260
IESR
Interrupt Enable Set Register
0x01C0 2268
IPR
Interrupt Pending Register
0x01C0 2270
ICR
Interrupt Clear Register
0x01C0 2278
IEVAL
Interrupt Evaluate Register
0x01C0 2280
QER
QDMA Event Register
0x01C0 2284
QEER
QDMA Event Enable Register
0x01C0 2288
QEECR
QDMA Event Enable Clear Register
0x01C0 228C
QEESR
QDMA Event Enable Set Register
0x01C0 2290
QSER
QDMA Secondary Event Register
0x01C0 2294
QSECR
QDMA Secondary Event Clear Register
0x01C0 4000 - 0x01C0 4FFF
—
Parameter RAM (PaRAM)
Table 5-14. EDMA3 Transfer Controller (EDMA3TC) Registers
Transfer Controller 0
Transfer Controller 1
ACRONYM
REGISTER DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
0x01C0 8000
0x01C0 8400
PID
Peripheral Identification Register
0x01C0 8004
0x01C0 8404
TCCFG
EDMA3TC Configuration Register
0x01C0 8100
0x01C0 8500
TCSTAT
EDMA3TC Channel Status Register
0x01C0 8120
0x01C0 8520
ERRSTAT
Error Status Register
0x01C0 8124
0x01C0 8524
ERREN
Error Enable Register
0x01C0 8128
0x01C0 8528
ERRCLR
Error Clear Register
0x01C0 812C
0x01C0 852C
ERRDET
Error Details Register
0x01C0 8130
0x01C0 8530
ERRCMD
Error Interrupt Command Register
0x01C0 8140
0x01C0 8540
RDRATE
Read Command Rate Register
0x01C0 8240
0x01C0 8640
SAOPT
Source Active Options Register
0x01C0 8244
0x01C0 8644
SASRC
Source Active Source Address Register
0x01C0 8248
0x01C0 8648
SACNT
Source Active Count Register
0x01C0 824C
0x01C0 864C
SADST
Source Active Destination Address Register
0x01C0 8250
0x01C0 8650
SABIDX
Source Active B-Index Register
0x01C0 8254
0x01C0 8654
SAMPPRXY
Source Active Memory Protection Proxy Register
0x01C0 8258
0x01C0 8658
SACNTRLD
Source Active Count Reload Register
0x01C0 825C
0x01C0 865C
SASRCBREF
Source Active Source Address B-Reference Register
0x01C0 8260
0x01C0 8660
SADSTBREF
Source Active Destination Address B-Reference Register
0x01C0 8280
0x01C0 8680
DFCNTRLD
Destination FIFO Set Count Reload Register
0x01C0 8284
0x01C0 8684
DFSRCBREF
Destination FIFO Set Source Address B-Reference Register
0x01C0 8288
0x01C0 8688
DFDSTBREF
Destination FIFO Set Destination Address B-Reference Register
0x01C0 8300
0x01C0 8700
DFOPT0
Destination FIFO Options Register 0
0x01C0 8304
0x01C0 8704
DFSRC0
Destination FIFO Source Address Register 0
0x01C0 8308
0x01C0 8708
DFCNT0
Destination FIFO Count Register 0
0x01C0 830C
0x01C0 870C
DFDST0
Destination FIFO Destination Address Register 0
0x01C0 8310
0x01C0 8710
DFBIDX0
Destination FIFO B-Index Register 0
Copyright © 2008–2013, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
85
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com