| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 22 Page - Microchip Technology |
|
22 / 406 page ![]() PIC24FJ128GA310 FAMILY PIC24FJDS39996F-page 22 2010-2011 Microchip Technology Inc. PMD0 60 76 93 A4 I/O ST/TTL Parallel Master Port Data (Demultiplexed Master mode) or Address/Data (Multiplexed Master modes). PMD1 61 77 94 B4 I/O ST/TTL PMD2 62 78 98 B3 I/O ST/TTL PMD3 63 79 99 A2 I/O ST/TTL PMD4 64 80 100 A1 I/O ST/TTL PMD5 1 1 3 D3 I/O ST/TTL PMD6 2 2 4 C1 I/O ST/TTL PMD7 3 3 5 D2 I/O ST/TTL PMD8 — 75 90 A5 I/O ST/TTL PMD9 — 74 89 E6 I/O ST/TTL PMD10 — 73 88 A6 I/O ST/TTL PMD11 — 72 87 B6 I/O ST/TTL PMD12 — 64 79 A9 I/O ST/TTL PMD13 — 65 80 D8 I/O ST/TTL PMD14 — 68 83 D7 I/O ST/TTL PMD15 — 69 84 C7 I/O ST/TTL PMRD 53 67 82 B8 O — Parallel Master Port Read Strobe. PMWR 52 66 81 C8 O — Parallel Master Port Write Strobe. RA0 — — 17 G3 I/O ST PORTA Digital I/O. RA1 — — 38 J6 I/O ST RA2 — — 58 H11 I/O ST RA3 — — 59 G10 I/O ST RA4 — — 60 G11 I/O ST RA5 — — 61 G9 I/O ST RA6 — — 91 C5 I/O ST RA7 — — 92 B5 I/O ST RA9 — 23 28 L2 I/O ST RA10 — 24 29 K3 I/O ST RA14 — 52 66 E11 I/O ST RA15 — 53 67 E8 I/O ST TABLE 1-4: PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Pin Function Pin Number/Grid Locator I/O Input Buffer Description 64-Pin TQFP 80-Pin TQFP 100-Pin TQFP 121-Pin BGA Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer |