| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ128GA310 bảng dữ liệu(PDF) 201 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 bảng dữ liệu(HTML) 201 Page - Microchip Technology |
|
201 / 406 page ![]() 2010-2011 Microchip Technology Inc. DS39996F-page 201 PIC24FJ128GA310 FAMILY FIGURE 13-2: TIMER2 AND TIMER4 (16-BIT SYNCHRONOUS) BLOCK DIAGRAM FIGURE 13-3: TIMER3 AND TIMER5 (16-BIT ASYNCHRONOUS) BLOCK DIAGRAM TON TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TCY TCS(1) 1x 01 TGATE(1) 00 Gate T2CK Sync PR2 (PR4) Set T2IF (T4IF) Equal Comparator Reset Q QD CK TGATE 1 0 (T4CK) Sync Note 1: The timer clock input must be assigned to an available RPn/RPIn pin before use. See Section 11.4 “Peripheral Pin Select (PPS)” for more information. TMR2 (TMR4) TON TCKPS<1:0> 2 TCY TCS(1) 1x 01 TGATE(1) 00 T3CK PR3 (PR5) Set T3IF (T5IF) Equal Comparator TMR3 (TMR5) Reset Q Q D CK TGATE 1 0 A/D Event Trigger(2) (T5CK) Prescaler 1, 8, 64, 256 Sync Note 1: The timer clock input must be assigned to an available RPn/RPIn pin before use. See Section 11.4 “Peripheral Pin Select (PPS)” for more information. 2: The A/D event trigger is available only on Timer3. |