công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM188ES-33VC/W bảng dữ liệu(PDF) 77 Page - Advanced Micro Devices

tên linh kiện AM188ES-33VC/W
Giải thích chi tiết về linh kiện  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-33VC/W bảng dữ liệu(HTML) 77 Page - Advanced Micro Devices

Back Button AM188ES-33VC/W Datasheet HTML 73Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 74Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 75Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 76Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 77Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 78Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 79Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 80Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
77
P R E L IMINAR Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
PSRAM Write Cycle (20 MHz and 25 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA, unless otherwise noted. All output test conditions
are with CL=50 pF. For switching tests, VIL=0.45 V and VIH =2.4 V, except at X1 where VIH =VCC – 0.5 V.
a
Testing is performed with equal loading on referenced pins.
b
This parameter applies to the DEN, WR, WHB, and WLB signals.
Parameter
Preliminary
Unit
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
General Timing Responses
5tCLAV
AD Address Valid Delay and BHE
0
25
0
20
ns
7tCLDV
Data Valid Delay
0
25
0
20
ns
8tCHDX
Status Hold Time
0
0
ns
9tCHLH
ALE Active Delay
25
20
ns
10
tLHLL
ALE Width
tCLCL–10=40
tCLCL–10=30
ns
11
tCHLL
ALE Inactive Delay
25
20
ns
20
tCVCTV
Control Active Delay 1(b)
0
25
0
20
ns
23
tLHAV
ALE High to Address Valid
20
15
ns
80
tCLCLX
LCS Inactive Delay
0
25
0
20
ns
81
tCLCSL
LCS Active Delay
0
25
0
20
ns
84
tLRLL
LCS Precharge Pulse Width
tCLCL + tCLCH –3
tCLCL + tCLCH –3
Write Cycle Timing Responses
30
tCLDOX
Data Hold Time
0
0
ns
31
tCVCTX
Control Inactive Delay(b)
0
25
0
20
ns
32
tWLWH
WR Pulse Width
2tCLCL–10=90
2tCLCL–10=70
ns
33
tWHLH
WR Inactive to ALE High(a)
tCLCH–2
tCLCH–2
ns
34
tWHDX
Data Hold after WR(a)
tCLCL–10=40
tCLCL–10=30
ns
65
tAVWL
A Address Valid to WR Low
tCLCL+tCHCL
–3
tCLCL+tCHCL
–3
ns
68
tCHAV
CLKOUTA High to A
Address Valid
0
25
0
20
ns
87
tAVBL
A Address Valid to WHB, WLB
Low
tCHCL–3
25
tCHCL–3
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com