công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM188ES-33VC/W bảng dữ liệu(PDF) 45 Page - Advanced Micro Devices

tên linh kiện AM188ES-33VC/W
Giải thích chi tiết về linh kiện  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-33VC/W bảng dữ liệu(HTML) 45 Page - Advanced Micro Devices

Back Button AM188ES-33VC/W Datasheet HTML 41Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 42Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 43Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 44Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 45Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 46Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 47Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 48Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
45
P R E L IMINA R Y
External Source Clock
Alternately, the internal oscillator can be driven from an
external clock source. This source should be con-
nected to the input of the inverting amplifier (X1), with
the output (X2) not connected.
System Clocks
The base system clock of AMD’s original 80C186 and
80C188 microcontrollers is renamed CLKOUTA and
the additional output is called CLKOUTB. CLKOUTA
and CLKOUTB operate at either the processor fre-
quency or the PLL frequency. The output drivers for
both clocks are individually programmable for disable.
Figure 9 shows the organization of the clocks.
The second clock output (CLKOUTB) allows one clock
to run at the PLL frequency and the other clock to run
at the power-save frequency. Individual drive enable
bits allow selective enabling of just one or both of these
clock outputs.
Power-Save Operation
The power-save mode of the Am186ES and Am188ES
microcontrollers reduces power consumption and heat
dissipation, thereby extending battery life in portable
systems. In power-save mode, operation of the CPU
and internal peripherals continues at a slower clock fre-
quency. When an interrupt occurs, the microcontroller
automatically returns to its normal operating frequency
on the internal clock’s next rising edge of t3.
Note: Power-save operation requires that clock-de-
pendent devices be reprogrammed for clock frequency
changes. Software drivers must be aware of clock fre-
quency.
Initialization and Processor Reset
Processor initialization or startup is accomplished by
driving the RES input pin Low. RES must be held Low
for 1 ms during power-up to ensure proper device ini-
tialization. RES forces the Am186ES and Am188ES
microcontrollers to terminate all execution and local
bus activity. No instruction or bus activity occurs as long
as RES is active. After RES becomes inactive and an
internal processing interval elapses, the microcontrol-
ler begins execution with the instruction at physical lo-
cation FFFF0h, with UCS asserted with three wait
states. RES also sets some registers to predefined val-
ues and resets the watchdog timer.
The Reset Configuration Register
When the RES input is asserted Low, the contents of
the address/data bus (AD15–AD0) are written into the
reset configuration register. The system can place con-
figuration information on the address/data bus using
weak external pullup or pulldown resistors, or using an
external driver that is enabled during reset. The pro-
cessor does not drive the address/data bus during re-
set.
For example, the reset configuration register could be
used to provide the software with the position of a con-
figuration switch in the system. Using weak external
pullup and pulldown resistors on the address and data
bus, the system can provide the microcontroller with a
value corresponding to the position of the jumper dur-
ing a reset.
Figure 9.
Clock Organization
PLL
Power-Save
Divisor
(/2 to /128)
Mux
CLKOUTA
CLKOUTB
Drive
Enable
Drive
Enable
X1, X2
Processor Internal Clock
Time
Delay
6 ± 2.5ns
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com