| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM188ES-33VC/W bảng dữ liệu(PDF) 62 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM188ES-33VC/W bảng dữ liệu(HTML) 62 Page - Advanced Micro Devices |
|
62 / 102 page ![]() 62 Am186/188ES and Am186/188ESLV Microcontrollers PRELIMIN ARY Alphabetical Key to Switching Parameter Symbols Parameter Symbol No. Description tARYCH 49 ARDY Resolution Transition Setup Time tARYCHL 51 ARDY Inactive Holding Time tARYHDSH 95 ARDY High to DS High tARYHDV 89 ARDY Assert to Data Valid tARYLCL 52 ARDY Setup Time tARYLDSH 96 ARDY Low to DS High tAVBL 87 A Address Valid to WHB, WLB Low tAVCH 14 AD Address Valid to Clock High tAVLL 12 AD Address Valid to ALE Low tAVRL 66 A Address Valid to RD Low tAVWL 65 A Address Valid to WR Low tAZRL 24 AD Address Float to RD Active tCH1CH2 45 CLKOUTA Rise Time tCHAV 68 CLKOUTA High to A Address Valid tCHCK 38 X1 High Time tCHCL 44 CLKOUTA High Time tCHCSV 67 CLKOUTA High to LCS/UCS Valid tCHCSX 18 MCS/PCS Inactive Delay tCHCTV 22 Control Active Delay 2 tCHCV 64 Command Lines Valid Delay (after Float) tCHCZ 63 Command Lines Float Delay tCHDX 8 Status Hold Time tCHLH 9 ALE Active Delay tCHLL 11 ALE Inactive Delay tCHRFD 79 CLKOUTA High to RFSH Valid tCHSV 3 Status Active Delay tCICOA 69 X1 to CLKOUTA Skew tCICOB 70 X1 to CLKOUTB Skew tCKHL 39 X1 Fall Time tCKIN 36 X1 Period tCKLH 40 X1 Rise Time tCL2CL1 46 CLKOUTA Fall Time tCLARX 50 ARDY Active Hold Time tCLAV 5 AD Address Valid Delay tCLAX 6 Address Hold tCLAZ 15 AD Address Float Delay tCLCH 43 CLKOUTA Low Time tCLCK 37 X1 Low Time tCLCL 42 CLKOUTA Period tCLCLX 80 LCS Inactive Delay tCLCSL 81 LCS Active Delay |