công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM188ES-33VC/W bảng dữ liệu(PDF) 69 Page - Advanced Micro Devices

tên linh kiện AM188ES-33VC/W
Giải thích chi tiết về linh kiện  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-33VC/W bảng dữ liệu(HTML) 69 Page - Advanced Micro Devices

Back Button AM188ES-33VC/W Datasheet HTML 65Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 66Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 67Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 68Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 69Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 70Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 71Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 72Page - Advanced Micro Devices AM188ES-33VC/W Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
69
P R E L IMINAR Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
Read Cycle (33 MHz and 40 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA, unless otherwise noted. All output test conditions
are with CL =50 pF. For switching tests, VIL=0.45 V and VIH =2.4 V, except at X1 where VIH =VCC – 0.5 V.
a
Equal loading on referenced pins.
b
This parameter applies to the DEN, DS, INTA1–INTA0, WR, WHB, and WLB signals.
c
If either spec 2 or spec 59 is met with respect to data hold time, the part will function correctly.
Parameter
Preliminary
Unit
33 MHz
40 MHz
No.
Symbol
Description
Min
Max
Min
Max
General Timing Requirements
1tDVCL
Data in Setup
8
5
ns
2tCLDX
Data in Hold(c)
32
ns
General Timing Responses
3tCHSV
Status Active Delay
0
15
0
12
ns
4tCLSH
Status Inactive Delay
0
15
0
12
ns
5tCLAV
AD Address Valid Delay and BHE
0
15
0
12
ns
6tCLAX
Address Hold
015012
ns
8tCHDX
Status Hold Time
0
0
ns
9tCHLH
ALE Active Delay
15
12
ns
10
tLHLL
ALE Width
tCLCL–10=20
tCLCL–5=20
ns
11
tCHLL
ALE Inactive Delay
15
12
ns
12
tAVLL
AD Address Valid to ALE Low(a)
tCLCH –2
tCLCH –2
ns
13
tLLAX
AD Address Hold from ALE
Inactive(a)
tCHCL–2
tCHCL –2
ns
14
tAVCH
AD Address Valid to Clock High
0
0
ns
15
tCLAZ
AD Address Float Delay
tCLAX=0
15
tCLAX=0
12
ns
16
tCLCSV
MCS/PCS Active Delay
0
15
0
12
ns
17
tCXCSX
MCS/PCS Hold from Command
Inactive(a)
tCLCH–2
tCLCH–2
ns
18
tCHCSX
MCS/PCS Inactive Delay
0
15
0
12
ns
19
tDXDL
DEN Inactive to DT/R Low(a)
00
ns
20
tCVCTV
Control Active Delay 1(b)
015012
ns
21
tCVDEX
DEN Inactive Delay
0
12
0
12
ns
22
tCHCTV
Control Active Delay 2(b)
015012
ns
23
tLHAV
ALE High to Address Valid
10
7.5
ns
99
tPLAL
PCS Low to ALE Low
12
20
10
18
ns
Read Cycle Timing Responses
24
tAZRL
AD Address Float to RD Active
0
0
ns
25
tCLRL
RD Active Delay
0
15
0
10
ns
26
tRLRH
RD Pulse Width
2tCLCL–15=45
2tCLCL–10=40
ns
27
tCLRH
RD Inactive Delay
0
15
0
12
ns
28
tRHLH
RD Inactive to ALE High(a)
tCLCH–3
tCLCH–2
ns
29
tRHAV
RD Inactive to AD Address
Active(a)
tCLCL–10=20
tCLCL–5=20
ns
41
tDSHLH
DS Inactive to ALE Inactive
tCLCH–2=11.5
tCLCH–2=9.25
59
tRHDX
RD High to Data Hold on AD Bus(c)
00
ns
66
tAVRL
A Address Valid to RD Low(a)
tCLCL+ tCHCL–3
tCLCL+ tCHCL–
1.125
ns
67
tCHCSV
CLKOUTA High to LCS/UCS Valid
0
15010
ns
68
tCHAV
CLKOUTA High to A Address
Valid
015010
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com