công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APA600 bảng dữ liệu(PDF) 18 Page - Microsemi Corporation

tên linh kiện APA600
Giải thích chi tiết về linh kiện  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 bảng dữ liệu(HTML) 18 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 14Page - Microsemi Corporation APA600 Datasheet HTML 15Page - Microsemi Corporation APA600 Datasheet HTML 16Page - Microsemi Corporation APA600 Datasheet HTML 17Page - Microsemi Corporation APA600 Datasheet HTML 18Page - Microsemi Corporation APA600 Datasheet HTML 19Page - Microsemi Corporation APA600 Datasheet HTML 20Page - Microsemi Corporation APA600 Datasheet HTML 21Page - Microsemi Corporation APA600 Datasheet HTML 22Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 14
v5.2
enable the user to define a wide range of frequency
multipliers and divisors. The clock conditioning circuit can
advance or delay the clock up to 8 ns (in increments of
0.25 ns) relative to the positive edge of the incoming
reference clock. The system also allows for the selection of
output frequency clock phases of 0°, 90°, 180°, and 270°.
Prior to the application of signals to the rib drivers, they
pass through programmable delay units, one per global
network. These units permit the delaying of global
signals relative to other signals to assist in the control of
input set-up times. Not all possible combinations of input
and output modes can be used. The degrees of freedom
available in the bidirectional global pad system and in
the clock conditioning circuit have been restricted. This
avoids unnecessary and unwieldy design kit and software
work.
Notes:
1. FBDLY is a programmable delay line from 0 to 4 ns in 250 ps increments.
2. DLYA and DLYB are programmable delay lines, each with selectable values 0 ps, 250 ps, 500 ps, and 4 ns.
3. OBDIV will also divide the phase-shift since it takes place after the PLL Core.
Figure 1-14 • PLL Block – Top-Level View and Detailed PLL Block Diagram
AVDD
AGND
GND
+
-
VDD
External Feedback Signal
GLA
GLB
Dynamic
Configuration Bits
Flash
Configuration Bits
8
27
4
Clock Conditioning
Circuitry
(Top level view)
Global MUX A OUT
Global MUX B OUT
See Figure 1-15
on page 1-14
Input Pins to the PLL
GLB
GLA
÷u
÷v
PLL Core
0˚
90˚
180˚
270˚
0
1
7
6
5
4
2
Delay Line 0.0 ns, 0.25 ns,
0.50 ns and 4.00 ns
P+
P-
Clock from Core
(GLINT mode)
CLK
1
0
Deskew
Delay
2.95 ns
1
2
3
Delay Line
0.25 ns to
4.00 ns,
16 steps,
0.25 ns
increments
3
1
2
Delay Line 0.0 ns, 0.25 ns,
0.50 ns and 4.00 ns
Clock from Core
(GLINT mode)
CLKA
EXTFB
XDLYSEL
Bypass Secondary
Bypass Primary
FIVDIV[4:0]
FBDIV[5:0]
FBSEL[1:0]
OAMUX[1:0]
DLYA[1:0]
DLYB[1:0]
OBDIV[1:0]
OBMUX[2:0]
OADIV[1:0]
FBDLY[3:0]
÷n
÷m
Clock Conditioning Circuitry Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com