công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APA600 bảng dữ liệu(PDF) 33 Page - Microsemi Corporation

tên linh kiện APA600
Giải thích chi tiết về linh kiện  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 bảng dữ liệu(HTML) 33 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 29Page - Microsemi Corporation APA600 Datasheet HTML 30Page - Microsemi Corporation APA600 Datasheet HTML 31Page - Microsemi Corporation APA600 Datasheet HTML 32Page - Microsemi Corporation APA600 Datasheet HTML 33Page - Microsemi Corporation APA600 Datasheet HTML 34Page - Microsemi Corporation APA600 Datasheet HTML 35Page - Microsemi Corporation APA600 Datasheet HTML 36Page - Microsemi Corporation APA600 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-29
Package Thermal Characteristics
The ProASICPLUS family is available in several package
types with a range of pin counts. Actel has selected
packages based on high pin count, reliability factors, and
superior thermal characteristics.
Thermal resistance defines the ability of a package to
conduct heat away from the silicon, through the
package to the surrounding air. Junction-to-ambient
thermal resistance is measured in degrees Celsius/Watt
and is represented as Theta ja
(Θja). The lower the
thermal resistance, the more efficiently a package will
dissipate heat.
A package’s maximum allowed power (P) is a function of
maximum junction temperature (TJ), maximum ambient
operating temperature (TA), and junction-to-ambient
thermal resistance Θja. Maximum junction temperature is
the maximum allowable temperature on the active
surface of the IC and is 110° C. P is defined as
:
EQ 1-4
Θ
ja is a function of the rate (in linear feet per minute
(lfpm)) of airflow in contact with the package. When the
estimated power consumption exceeds the maximum
allowed power, other means of cooling, such as
increasing the airflow rate, must be used. The maximum
power dissipation allowed for a Military temperature
device is specified as a function of Θjc. The absolute
maximum junction temperature is 150°C.
The calculation of the absolute maximum power
dissipation
allowed
for
a
Military
temperature
application is illustrated in the following example for a
456-pin PBGA package:
EQ 1-5
P
T J TA
–
Θja
-------------------
=
Table 1-15 • Package Thermal Characteristics
Plastic Packages
Pin Count
θ
jc
θ
ja
Units
Still Air
1.0 m/s
200 ft./min.
2.5 m/s
500 ft./min.
Thin Quad Flat Pack (TQFP)
100
14.0
33.5
27.4
25.0
°C/W
Thin Quad Flat Pack (TQFP)
144
11.0
33.5
28.0
25.7
°C/W
Plastic Quad Flat Pack (PQFP)1
208
8.0
26.1
22.5
20.8
°C/W
PQFP with Heat spreader2
208
3.8
16.2
13.3
11.9
°C/W
Plastic Ball Grid Array (PBGA)
456
3.0
15.6
12.5
11.6
°C/W
Fine Pitch Ball Grid Array (FBGA)
144
3.8
26.9
22.9
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)
256
3.8
26.6
22.8
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)3
484
3.2
18.0
14.7
13.6
°C/W
Fine Pitch Ball Grid Array (FBGA)4
484
3.2
20.5
17.0
15.9
°C/W
Fine Pitch Ball Grid Array (FBGA)
676
3.2
16.4
13.0
12.0
°C/W
Fine Pitch Ball Grid Array (FBGA)
896
2.4
13.6
10.4
9.4
°C/W
Fine Pitch Ball Grid Array (FBGA)
1152
1.8
12.0
8.9
7.9
°C/W
Ceramic Quad Flat Pack (CQFP)
208
2.0
22.0
19.8
18.0
°C/W
Ceramic Quad Flat Pack (CQFP)
352
2.0
17.9
16.1
14.7
°C/W
Ceramic Column Grid Array (CCGA/LGA)
624
6.5
8.9
8.5
8.0
°C/W
Notes:
1. Valid for the following devices irrespective of temperature grade: APA075, APA150, and APA300
2. Valid for the following devices irrespective of temperature grade: APA450, APA600, APA750, and APA1000
3. Depopulated Array
4. Full array
Maximum Power Allowed
Max. junction temp. (
°C) Max. case temp. (°C)
–
θ
jc(°C/W)
------------------------------------------------------------------------------------------------------------------------
150
°C 125°C
–
3.0
°C/W
--------------------------------------
8.333W
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com